Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-622C-F-SLC Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # C-13-622C-F-SLC
Description  622 Mbps Single Mode SFF LC Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-622C-F-SLC Datasheet(HTML) 6 Page - Source Photonics, Inc.

  C-13-622C-F-SLC Datasheet HTML 1Page - Source Photonics, Inc. C-13-622C-F-SLC Datasheet HTML 2Page - Source Photonics, Inc. C-13-622C-F-SLC Datasheet HTML 3Page - Source Photonics, Inc. C-13-622C-F-SLC Datasheet HTML 4Page - Source Photonics, Inc. C-13-622C-F-SLC Datasheet HTML 5Page - Source Photonics, Inc. C-13-622C-F-SLC Datasheet HTML 6Page - Source Photonics, Inc. C-13-622C-F-SLC Datasheet HTML 7Page - Source Photonics, Inc. C-13-622C-F-SLC Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
622 Mbps Single Mode SFF LC Transceiver
C-1X-622C-F(DFB)-SLC(4)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS583-Jun2405
rev. A.2
LUMINENTOIC.COM
Printed Circuit Board Layout Consideration
A fiber-optic receiver employs a very high gain, wide bandwidth transimpedance amplifier. This amplifier detects and amplifies
signals that are only tens of nA in amplitude when the receiver is operating near it’s limit. Any unwanted signal current that couples into the
receiver circuitry causes a decrease in the receiver’s sensitivity and can also degrade the performance of the receiver’s signal detect (SD) circuit.
To minimize the coupling of unwanted noise into the receiver, careful attention must be given to the printed circuit board.
At a minimum, a double-sided printed circuit board(PCB) with a large component side ground plane beneath the transceiver must
be used. In applications that include many other high speed devices, a multi-layer PCB is highly recommended. This permits the placement of
power and ground on separate layers, wich allows them to be isolated from the signal lines. Multilayer construction also permits the routing of
signal traces away from high level, high speed sinal lines. To minimize the possibility of coupling noise into the receiver section, high level, high
speed signals such as transmitter inputs and clock lines should be routed as far away as possible from the receiver pins.
Noise that couples into the receiver through the power supply pins can also degrade performance. It is recommended that a pi filter
be used in both transmitter and receiver power supplies.
EMI and ESC Consideration
LuminentOIC transceivers offer a metalized plastic case and a special chassis grounding clip. As shown in the drawing, this clip connects
the module case to chassis ground then installs flush through the panel cutout. This way, the grounding clip brushes the edge of the cutout in
order to make a proper contact. The use of a grounding clip also provides increased electrostatic protection and helps reduce radiated emission
from the module or the host circuit board through the chassis faceplate. The attaching posts are at case potential and may be connected to chassis
ground. They should not be connected to circuit ground.
Plastic optical subassemblies are used to further reduce the possibility of radiated emission by eliminating the metal from the
transmitter and receiver diode housings, which extend into connector space. By providing a non-metal receptacle for the optical cable ferrule, the
gigabit speed RF electrical signal is isolated from the connector area thus preventing radiated energy leakage from these surfaces to the outside of
the panel.
Recommended Board Layout Hole Pattern
1.THIS FIGURE DESCRIBE THE RECOMMAND CIRCUIT BOARD LAYOUT FOR THE SFF TRANSCEIVER.
2.THE HATCHED AREAS ARE KEEP-OUT AREAS RESERVED FOR HOUSING STANDOFF. NO METAL
TRACES OR GROUND CONNECTION IN KEEP-OUT AREAS.
3.THE MOUNTING STUDS SHOULD BE SOLDERED TO CHASSIS GROUND FOR MECHANICAL INTEGRITY.
DIMENSION IN MILLIMETER (INCHES)
NOTES:


Similar Part No. - C-13-622C-F-SLC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622C-F-SLC-55-G5 SOURCE-C-13-622C-F-SLC-55-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622C-F-SLC-G5 SOURCE-C-13-622C-F-SLC-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622C-F-SLCA-55-G5 SOURCE-C-13-622C-F-SLCA-55-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622C-F-SLCA-G5 SOURCE-C-13-622C-F-SLCA-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
More results

Similar Description - C-13-622C-F-SLC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622-F-SLC-55-G5 SOURCE-C-13-622-F-SLC-55-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
C-15-622-FDFB-SLC4A-G5 SOURCE-C-15-622-FDFB-SLC4A-G5 Datasheet
697Kb / 7P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622-F-SLC SOURCE-C-13-622-F-SLC Datasheet
1Mb / 8P
   622 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-5140AG OPTOWAY-TRSL-5140AG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5140G OPTOWAY-TRSL-5140G Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0 OPTOWAY-TRSL-5380-CXX0 Datasheet
128Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380W-CXX0G OPTOWAY-TRSL-5380W-CXX0G Datasheet
160Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0G OPTOWAY-TRSL-5380-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-13-155-F-SLCA-55-G5 SOURCE-C-13-155-F-SLCA-55-G5 Datasheet
866Kb / 10P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155-F-SLC3S-19 SOURCE-C-13-155-F-SLC3S-19 Datasheet
720Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com