Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ167-1CT-48A Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ167-1CT-48A
Description  MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ167-1CT-48A Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ167-1CT-48A Datasheet HTML 1Page - American Zettler, Inc. AZ167-1CT-48A Datasheet HTML 2Page - American Zettler, Inc. AZ167-1CT-48A Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RELAY ORDERING DATA
HEAVY DUTY RELAYS: DC Coil
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
ORDER NUMBER*
VDC
VDC
VDC
mA ± 10%
5
4.0
5.5
181.0
27.5 ± 10%
AZ167–1CT–5D
6
4.8
6.6
150.0
40.0 ± 10%
AZ167–1CT–6D
12
9.6
13.2
75.0
160
± 10%
AZ167–1CT–12D
24
19.2
26.4
36.9
650
± 10%
AZ167–1CT–24D
48
38.4
52.8
18.5
2600
± 15%
AZ167–1CT–48D
110
88.0
121.0
10.0
11,000
± 15%
AZ167–1CT–110D
HEAVY DUTY RELAYS: AC Coil (50/60 Hz)
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
ORDER NUMBER*
VAC
VAC
VAC
mA ± 10%
6
4.8
7.1
200.0
11.5 ± 10%
AZ167–1CT–6A
12
9.6
14.3
100.0
46.0 ± 10%
AZ167–1CT–12A
24
19.2
28.6
50.0
184
± 10%
AZ167–1CT–24A
48
38.4
57.1
25.0
735
± 10%
AZ167–1CT–48A
120
96.0
143.0
10.0
4,550
± 10%
AZ167–1CT–120A
220
176.0
261.0
5.5
14,400
± 15%
AZ167–1CT–220A
240
192.0
288.0
5.0
22,000
± 15%
AZ167–1CT–240A
* For DPDT substitute “-2CT” for “-1CT”. For LED add “1” to the end of p/n.
STANDARD RELAYS: AC Coil (50/60 Hz)
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
ORDER NUMBER*
VAC
VAC
VAC
mA ± 10%
6
4.8
7.1
200.0
11.5 ± 10%
AZ167–2C–6A
12
9.6
14.3
100.0
46.0 ± 10%
AZ167–2C–12A
24
19.2
28.6
50.0
184
± 10%
AZ167–2C–24A
48
38.4
57.1
25.0
735
± 10%
AZ167–2C–48A
120
96.0
143.0
10.0
4,550
± 10%
AZ167–2C–120A
220
176.0
261.0
5.5
14,400
± 15%
AZ167–2C–220A
240
192.0
288.0
5.0
22,000
± 15%
AZ167–2C–240A
* For 3PDT or 4PDT substitute “-3C” or “-4C” for “-2C”. For LED add “1” to the end of p/n.
RELAY ORDERING DATA
STANDARD RELAYS: DC Coil
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
ORDER NUMBER*
VDC
VDC
VDC
mA ± 10%
5
4.0
5.5
181.0
27.5 ± 10%
AZ167–2C–5D
6
4.8
6.6
150.0
40.0 ± 10%
AZ167–2C–6D
12
9.6
13.2
75.0
160
± 10%
AZ167–2C–12D
24
19.2
26.4
36.9
650
± 10%
AZ167–2C–24D
48
38.4
52.8
18.5
2600
± 15%
AZ167–2C–48D
110
88.0
121.0
10.0
11,000
± 15%
AZ167–2C–110D
AZ167
8/11/03W


Similar Part No. - AZ167-1CT-48A

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1603-01L AMAZING-AZ1603-01L Datasheet
237Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/11
AZ1603-01L.R7G AMAZING-AZ1603-01L.R7G Datasheet
237Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/11
AZ1603-02S AMAZING-AZ1603-02S Datasheet
195Kb / 7P
   Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
AZ1603-02S.R7G AMAZING-AZ1603-02S.R7G Datasheet
195Kb / 7P
   Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
logo
Toshiba Semiconductor
AZ161102 TOSHIBA-AZ161102 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - AZ167-1CT-48A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com