Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4-R18-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # L4-R18-10
Description  FERRITE CHIP INDUCTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

L4-R18-10 Datasheet(HTML) 2 Page - Superworld Electronics

  L4-R18-10 Datasheet HTML 1Page - Superworld Electronics L4-R18-10 Datasheet HTML 2Page - Superworld Electronics L4-R18-10 Datasheet HTML 3Page - Superworld Electronics L4-R18-10 Datasheet HTML 4Page - Superworld Electronics L4-R18-10 Datasheet HTML 5Page - Superworld Electronics L4-R18-10 Datasheet HTML 6Page - Superworld Electronics L4-R18-10 Datasheet HTML 7Page - Superworld Electronics L4-R18-10 Datasheet HTML 8Page - Superworld Electronics L4-R18-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
FERRITE CHIP INDUCTORS
L4 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.01.2008
6. ELECTRICAL CHARACTERISTICS :
( MHz )
Frequency
20
1206
0.270
L4-R27 -10
50
1206
6.800
L4-6R8 -10
Inductance tolerance :
1206
1206
1206
1206
1206
1206
1206
1206
L4-220 -10
L4-330 -10
L4-270 -10
L4-100 -10
L4-8R2 -10
L4-150 -10
L4-180 -10
L4-120 -10
M : ±20%
: K : ±10%
27.000
33.000
22.000
18.000
15.000
12.000
10.000
8.200
35
35
35
35
35
50
50
50
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
1206
L4-1R5 -10
L4-2R2 -10
L4-1R8 -10
L4-2R7 -10
L4-4R7 -10
L4-3R9 -10
L4-3R3 -10
L4-5R6 -10
L4-R39 -10
L4-R56 -10
L4-R47 -10
L4-R68 -10
L4-1R2 -10
L4-1R0 -10
L4-R82 -10
L4-R33 -10
3.300
4.700
5.600
3.900
2.200
2.700
1.500
1.800
45
45
50
45
45
45
45
45
0.560
1.200
1.000
0.680
0.820
0.390
0.470
0.330
25
45
45
25
25
25
25
20
1206
1206
1206
1206
1206
1206
1206
Size
EIA
Part Number
L4-R22 -10
L4-R12 -10
L4-R15 -10
L4-R18 -10
L4-R10 -10
L4-68N -10
L4-47N -10
Q
Inductance
0.220
0.180
0.120
0.150
( µH )
0.100
0.068
0.047
20
20
20
20
Min
20
20
20
250
150
0.50
25
29
25
0.80
4
0.90
0.90
1.05
1.00
0.90
0.70
070
1.05
16
14
13
26
19
22
18
24
1
0.4
1
1
1
2
2
4
25
25
15
5
5
5
5
5
0.50
0.50
0.60
0.60
0.70
0.90
0.80
0.70
0.60
0.60
0.70
0.80
0.90
0.50
0.40
0.50
60
55
50
45
38
41
32
35
10
10
4
10
10
10
10
10
145
125
105
115
135
65
75
100
25
10
10
25
25
25
25
25
50
50
50
50
50
50
50
25
250
200
200
150
100
100
150
250
0.40
0.30
0.40
0.30
0.25
Max.
0.25
0.15
DC Resistance
(
)
( MHz )
320
235
200
220
280
170
185
Min.
25
25
25
25
25
50
50
SRF
Test
Rated Current
250
250
250
250
250
300
300
( mA )


Similar Part No. - L4-R18-10

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
L4-2486-003 JDSU-L4-2486-003 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-2486-004 JDSU-L4-2486-004 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-2486-005 JDSU-L4-2486-005 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-2486-006 JDSU-L4-2486-006 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-2495-001 JDSU-L4-2495-001 Datasheet
224Kb / 5P
   High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser
More results

Similar Description - L4-R18-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
   FERRITE CHIP INDUCTORS
L3-47N SUPERWORLD-L3-47N Datasheet
367Kb / 9P
   FERRITE CHIP INDUCTORS
L201610 SUPERWORLD-L201610 Datasheet
348Kb / 7P
   FERRITE CHIP INDUCTORS
L3-47NK-10 SUPERWORLD-L3-47NK-10 Datasheet
358Kb / 9P
   FERRITE CHIP INDUCTORS
L2_SERIES SUPERWORLD-L2_SERIES Datasheet
266Kb / 7P
   FERRITE CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLFI2012 WALSIN-WLFI2012 Datasheet
1Mb / 7P
   Ferrite Chip Inductors
WLFI1608 WALSIN-WLFI1608 Datasheet
592Kb / 7P
   Ferrite Chip Inductors
logo
Superworld Electronics
L252010 SUPERWORLD-L252010 Datasheet
380Kb / 7P
   FERRITE CHIP INDUCTORS
L4-47NK-10 SUPERWORLD-L4-47NK-10 Datasheet
360Kb / 9P
   FERRITE CHIP INDUCTORS
L201210_SERIES SUPERWORLD-L201210_SERIES Datasheet
376Kb / 6P
   FERRITE CHIP INDUCTORS
logo
Coilcraft lnc.
0603AF COILCRAFT-0603AF Datasheet
136Kb / 2P
   Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com