Electronic Components Datasheet Search |
|
B-13-1250C-T3-SSC2 Datasheet(PDF) 3 Page - Source Photonics, Inc. |
|
B-13-1250C-T3-SSC2 Datasheet(HTML) 3 Page - Source Photonics, Inc. |
3 / 9 page 3 1.25 Gbps Single Mode Transceiver C-13-1250(C)-T(3)-SSC(2) 3 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS601-May1806 Rev A.3 LUMINENTOIC.COM Parameter Symbol Min Typical Max Unit Notes Sensitivity2 - - - -24 dBm Maximum Input Power Pin 0 - - dBm Signal Detect-Asserted Pa - - -24 dBm Measured on transition: low to high Signal Detect-Deasserted Pd -38 - - dBm Measured on transition: high to low Signal Detect-Hysteresis 1 - - dB Wavelength of Operation 1100 - 1600 nm Note 2: Measured with 27-1 PRBS, BER= 10-12 Receiver Specifications Parameter Symbol Min Typical Max Unit Note Power Supply Current ICC - - 100 mA The current excludes the output load current Data output Voltage-Low VOL -Vcc -2.0 - -1.58 V These outputs are compatible with 10K, 10KH and 100KECL and LVPECL outputs Data output Voltage-High VOH- Vcc -1.1 - -0.74 V Signal Detect Output Voltage-Low VSDL - - 0.5 V C-13-1250C-T(3)-SSC(2) Signal Detect Output Voltage-High VSDH 2.0 - - V Signal Detect Output Voltage-Low VSDL-Vcc -2.0 - -1.58 V C-13-1250-T(3)-SSC(2) Signal Detect Output Voltage-High VSDH- Vcc -1.1 - -0.74 V Receiver Specifications |
Similar Part No. - B-13-1250C-T3-SSC2 |
|
Similar Description - B-13-1250C-T3-SSC2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |