Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ673 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ673
Description  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ673 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ673 Datasheet HTML 1Page - American Zettler, Inc. AZ673 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AZ
GENERAL DATA
Life Expectancy
Mechanical
1 x 107
Electrical
1 x 105 at 10 A 240 VAC Res.
Operate Time (typical)
15 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1000 Vrms contact to contact
(at sea level for 1 min.) 4000 Vrms N.O. contact to coil
3000 Vrms N.C. contact to coil
10,000 V surge contact to coil
Insulation
1000 megohms min. at 20°C,
Resistance
500 VDC, 50% RH
Dropout
5% of nominal coil voltage
Ambient Temperature
Operating
-40°C (-40°F) to 80°C (176°F)
-40°C (-40°F) to 105°C (221°F) sensitive coil
Storage
-40°C (-40°F) to 130°C (266°F)
Vibration
1.5mm DA at 10–55 Hz
Shock
10 g
Enclosure
Plastic
Terminals
PC, tinned
Max. Solder Temp.
250°C (482°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C
Max. Immersion Time
30 seconds
Weight
12 grams
COIL
Power
At Pickup Voltage
300 mW standard coil
(typical)
140 mW sensitive coil
Max. Continuous
1.2 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
48°C (86°F) at nominal coil voltage, std. coil
22°C (40°F) at nominal coil voltage, sens. coil
Temperature
Max. 130°C (266°F)
CONTACTS
Arrangement
SPST – N.O., SPDT
Ratings
Non - inductive load:
Max. switched power: 300 W or 2500 VA
Max. switched current: 10A
Max. switched voltage: 150* VDC or 250 VAC
*Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Rated Load
UL, CUR,
10 A at 250 VAC, general use, 100k
10 A at 30 VDC resistive, 100K
1/8 HP at 125 VAC
1/4 HP at 250 VAC
TV-5 at 125 VAC (1 Form A only)
TÜV
10 A at 250 VAC resistive, 100k
10 A at 30 VDC resistive, 100k
Material
Silver cadmium oxide or silver tin oxide
Resistance
< 100 milliohms initially
(6 V, 1A voltage drop method)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
4. Specifications subject to change without notice.
AZ673
MINIATURE
POWER RELAY
FEATURES
• Compact size for dense PCB layouts
• High power contacts (10A) for use in consumer
appliances, HVAC, TV
• Withstands surges of up to 10,000 volts
• Epoxy sealed version available
• Insulation Class B standard
• UL/CUR file E44211
• TÜV file R2134653
3/24/04W


Similar Part No. - AZ673

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ672-1A-12D AZETTLER-AZ672-1A-12D Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ672-1A-12DE AZETTLER-AZ672-1A-12DE Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ672-1A-24D AZETTLER-AZ672-1A-24D Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ672-1A-24DE AZETTLER-AZ672-1A-24DE Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
More results

Similar Description - AZ673

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com