Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ673-1A-24D Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ673-1A-24D
Description  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ673-1A-24D Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ673-1A-24D Datasheet HTML 1Page - American Zettler, Inc. AZ673-1A-24D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AZ
COIL SPECIFICATIONS — SENSITIVE COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form A
VDC
VDC
VDC
±10%
5
3.75
11.0
100
AZ673–1A–5DS
6
4.50
13.2
145
AZ673–1A–6DS
9
6.75
19.7
325
AZ673–1A–9DS
12
9.00
26.3
575
AZ673–1A–12DS
18
13.5
39.5
1300
AZ673–1A–18DS
24
18.0
52.6
2310
AZ673–1A–24DS
*For epoxy sealed version add suffix “E”. For silver tin oxide contacts add suffix “A”.
D
VERSION
[3.5]
.138
5 x ø.051
[ø1.3]
.295
[7.5]
OMIT FOR
FORM A
.138
[16.5]
.650
B
C
.093
.059
C
D
B
.413
2 x .012
[0.3]
[0.8]
5 x .031
24.5
10.5
2.4
1.5
A
[0.5]
.020
5 x .158
[4.0]
[0.4]
3 x .016
.965
A
23.8
.937
2.0
1.0
.079
.039
.374
9.5
[3.5]
[25.0]
.984
VIEWED TOWARD TERMINALS
PC BOARD LAYOUT
LETTER
DIM.
FORM C VERSION SHOWN
DIM. SEALED
TABLE I
INCHES
LETTER
FORM C
VIEWED TOWARD TERMINALS
MM
MM
INCHES
DIM. UNSEALED
CIRCUIT DIAGRAM
FORM A
54
12
3
54
13
RELAY ORDERING DATA
COIL SPECIFICATIONS — STANDARD COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form A
1 Form C
VDC
VDC
VDC
±10%
5
3.75
7.5
47
AZ673–1A–5D
AZ673–1C–5D
6
4.50
9.0
68
AZ673–1A–6D
AZ673–1C–6D
9
6.75
13.6
155
AZ673–1A–9D
AZ673–1C–9D
12
9.00
18.0
270
AZ673–1A–12D
AZ673–1C–12D
18
13.5
27.3
620
AZ673–1A–18D
AZ673–1C–18D
24
18.0
36.0
1080
AZ673–1A–24D
AZ673–1C–24D
48
36.0
72.7
4400
AZ673–1A–48D
AZ673–1C–48D
AZ673
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
3/24/04W


Similar Part No. - AZ673-1A-24D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ672-1A-12D AZETTLER-AZ672-1A-12D Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ672-1A-12DE AZETTLER-AZ672-1A-12DE Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ672-1A-24D AZETTLER-AZ672-1A-24D Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ672-1A-24DE AZETTLER-AZ672-1A-24DE Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
More results

Similar Description - AZ673-1A-24D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com