Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH162836DGV Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ALVCH162836DGV
Description  20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162836DGV Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALVCH162836DGV Datasheet HTML 1Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 2Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 3Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 4Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 5Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 6Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 7Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 8Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN74ALVCH162836
20-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES122E – JULY 1997 – REVISED JUNE 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = –100 µA
1.65 V to 3.6 V
VCC–0.2
IOH = –2 mA
1.65 V
1.2
IOH = –4 mA
2.3 V
1.9
VOH
IOH =6 mA
2.3 V
1.7
V
IOH = –6 mA
3 V
2.4
IOH = –8 mA
2.7 V
2
IOH = –12 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 2 mA
1.65 V
0.45
IOL = 4 mA
2.3 V
0.4
VOL
IOL =6mA
2.3 V
0.55
V
IOL = 6 mA
3 V
0.55
IOL = 8 mA
2.7 V
0.6
IOL = 12 mA
3 V
0.8
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.58 V
1.65 V
25
VI = 1.07 V
1.65 V
–25
VI = 0.7 V
2.3 V
45
II(hold)
VI = 1.7 V
2.3 V
–45
µA
()
VI = 0.8 V
3 V
75
VI = 2 V
3 V
–75
VI = 0 to 3.6 V‡
3.6 V
±500
IOZ
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
∆ICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Control inputs
VI =VCC or GND
33 V
5.5
pF
Ci
Data inputs
VI = VCC or GND
3.3 V
6
pF
Co
Outputs
VO = VCC or GND
3.3 V
8
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.


Similar Part No. - SN74ALVCH162836DGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162836DGV TI1-SN74ALVCH162836DGV Datasheet
372Kb / 16P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162836DGVR TI1-SN74ALVCH162836DGVR Datasheet
372Kb / 16P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162836DGV

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC16836 HITACHI-HD74ALVC16836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
HD74ALVC162836 HITACHI-HD74ALVC162836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH162836 HITACHI-HD74ALVCH162836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162836 TI1-SN74ALVCH162836_09 Datasheet
372Kb / 16P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16836 HITACHI-HD74ALVCH16836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162836 TI-SN74ALVC162836 Datasheet
134Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16836 TI-SN74ALVCH16836 Datasheet
133Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162836 TI-SN74ALVC162836_06 Datasheet
157Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC PERICOM-PI74AVC Datasheet
102Kb / 9P
   2.5V 20-Bit Universal Bus Driver with 3-State Outputs
logo
Integrated Device Techn...
IDT74ALVC162836 IDT-IDT74ALVC162836 Datasheet
65Kb / 6P
   3.3V CMOS 20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com