Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-1250-FDFB-SLC2 Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # C-13-1250-FDFB-SLC2
Description  1.25 Gbps Single Mode SFF LC Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-1250-FDFB-SLC2 Datasheet(HTML) 3 Page - Source Photonics, Inc.

  C-13-1250-FDFB-SLC2 Datasheet HTML 1Page - Source Photonics, Inc. C-13-1250-FDFB-SLC2 Datasheet HTML 2Page - Source Photonics, Inc. C-13-1250-FDFB-SLC2 Datasheet HTML 3Page - Source Photonics, Inc. C-13-1250-FDFB-SLC2 Datasheet HTML 4Page - Source Photonics, Inc. C-13-1250-FDFB-SLC2 Datasheet HTML 5Page - Source Photonics, Inc. C-13-1250-FDFB-SLC2 Datasheet HTML 6Page - Source Photonics, Inc. C-13-1250-FDFB-SLC2 Datasheet HTML 7Page - Source Photonics, Inc. C-13-1250-FDFB-SLC2 Datasheet HTML 8Page - Source Photonics, Inc. C-13-1250-FDFB-SLC2 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
1.25 Gbps Single Mode SFF LC Transceiver
C-1x-1250(C)-FDFB-SLC2(4)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS613-Oct2406
Rev. A.2
LUMINENTOIC.COM
PIN
Symbol
Notes
1
RxGND
Directly connect this pin to the receiver ground plane
2
TxVcc
+3.3 V dc power for the receiver section
3
SD
Active high on this indicates a received optical signal(LVPECL/LVTTL)
4
RD-
Receiver Data Out Bar (LVPECL)
5
RD+
Receiver Dat Out (LVPECL)
6
TxVcc
+3.3 V dc power for the transmitter section
7
TxGND
Directly connect this pin to the transmitter ground plane
8
TxDIS
Transmitter disable (LVTTL)
9
TD+
Transmitter Data In (LVPECL)
10
TD-
Transmitter Data In Bar (LVPECL)
Attaching Posts
The attaching posts are at case potential and may be connected to chassis
ground. They are isolated from circuit ground.
Connection Diagram
Legal Notice


Similar Part No. - C-13-1250-FDFB-SLC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC-G5 SOURCE-C-13-1250-F-SLC-G5 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC2 SOURCE-C-13-1250-F-SLC2 Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC2 SOURCE-C-13-1250-F-SLC2 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-13-1250-FDFB-SLC2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-1250AC-FDFB-SLC3A-07 SOURCE-C-15-1250AC-FDFB-SLC3A-07 Datasheet
710Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250-FDFB-SLC2 SOURCE-C-127-1250-FDFB-SLC2 Datasheet
683Kb / 7P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLCA-11-G5 SOURCE-C-13-1250AC-F-SLCA-11-G5 Datasheet
720Kb / 9P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-7350CG OPTOWAY-TRSL-7350CG Datasheet
123Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com