Selected language     English  ▼


B-13-1250-T-SSC2E Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part No. B-13-1250-T-SSC2E
Description  1.25 Gbps Single Mode Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 2 page
background image
2
1.25 Gbps Single Mode Transceiver
C-13-1250(C)-T(3)-SSC(2)
2
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS601-May1806
Rev A.3
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical Transmit Power
Po
-10
-
-3
dBm
C-13-1250(C)-T(3)-SSC
Optical Transmit Power
Po
-5
-
0
dBm
C-13-1250(C)-T(3)-SSC2
Output center Wavelength
λ
1270
1310
1355
nm
C-13-1250(C)-T(3)-SSC
Output center Wavelength
λ
1275
1310
1350
nm
C-13-1250(C)-T(3)-SSC2
Output Spectrum Width
λ
-
-
4
nm
RMS(
σ), C-13-1250(C)-T(3)-SSC
Output Spectrum Width
λ
-
-
2.5
nm
RMS(
σ), C-13-1250(C)-T(3)-SSC2
Extinction Ratio
ER
9
-
-
dB
Output Eye
Compliant with IEEE 802.3
Optical Rise Time
tr
-
-
0.26
ns
20% to 80% Values
Optical Fall Time
tf
-
-
0.26
ns
20% to 80% Values
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Total Jitter
TJ
-
-
0.27
ns
Measured with 27-1 PRBS
Transmitter Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Power Supply Current
ICC
-
-
180
mA
Maximum current is specified at
Vcc= Maximum @ maximum temperature
Data Input Current-Low
IIL
-350
-
-
µA
Data Input Current-High
IIH
-
-
350
µA
Differential Input Voltage
VIH-VIL
300
-
-
mV
Data Input Voltage-Low
VIL-VCC
-2.0
-
-1.58
V
These inputs are compatible with 10K, 10KH
and 100K ECL and PECL inputs
Data Input Voltage-High
VIH-VCC
-1.1
-
-0.74
V
Transmitter Specifications




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C-13-1250-F-SLC1.25 Gbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-15-1250-TDPM3-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-15-1250-TDPM-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-127-1250-TDFB-SSC21.25 Gbps CWDM Single Mode Transceiver 5V 1 2 3 4 5 MoreSource Photonics, Inc.
C-127-1250-TDFB3-SSC21.25 Gbps CWDM Single Mode Transceiver 3.3V 1 2 3 4 5 MoreSource Photonics, Inc.
B-13-1250-TPM3-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-13-1250-TPM-S1.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 Source Photonics, Inc.
NU-73D74D-PG3.3V 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package GE-PON 1000BASE-PX10-U ONU Transceiver 1 2 3 4 5 Optoway Technology Inc
SPS-7110G3.3V / 1310 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
SPS-7380W-CXX0G3.3V / CWDM / 1.25 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl