Selected language     English  ▼


B-13-1250-T-SSC2E Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part No. B-13-1250-T-SSC2E
Description  1.25 Gbps Single Mode Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 4 page
background image
4
1.25 Gbps Single Mode Transceiver
C-13-1250(C)-T(3)-SSC(2)
4
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS601-May1806
Rev A.3
LUMINENTOIC.COM
Warnings
Connection Diagram
1. (Rx GND)
2. (Rx +)
NC
3. (Rx-)
4. (SD)
5. (Rx Vcc)
Top View
6. (Tx Vcc)
7. (TX-)
NC
8. (TX+)
9. (Tx GND)
Receiver Signal Ground
Receiver Data Out
Receiver Data Out Bar
Signal Detect
Receiver Power Supply
Transmitter Power Supply
Transmitter Data In Bar
Transmitter Data In
Transmitter Signal Ground
PIN
Symbol
Notes
1
RxGND
Directly connect this pin to the receiver ground plane
2
RD+
See recommended circuit schematic
3
RD-
See recommended circuit schematic
4
SD
Active high on this indicates a received optical signal
5
RxVcc
DCc power for the receiver section
6
TxVcc
DC power for the transmitter section
7
TD-
See recommended circuit schematic
8
TD+
See recommended circuit schematic
9
TxGND
Directly connect this pin to the transmitter ground plane




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C-13-1250-F-SLC1.25 Gbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-15-1250-TDPM3-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-15-1250-TDPM-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-127-1250-TDFB-SSC21.25 Gbps CWDM Single Mode Transceiver 5V 1 2 3 4 5 MoreSource Photonics, Inc.
C-127-1250-TDFB3-SSC21.25 Gbps CWDM Single Mode Transceiver 3.3V 1 2 3 4 5 MoreSource Photonics, Inc.
B-13-1250-TPM3-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-13-1250-TPM-S1.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 Source Photonics, Inc.
NU-73D74D-PG3.3V 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package GE-PON 1000BASE-PX10-U ONU Transceiver 1 2 3 4 5 Optoway Technology Inc
SPS-7110G3.3V / 1310 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
SPS-7380W-CXX0G3.3V / CWDM / 1.25 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl