Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-155-T3-SSC9 Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # C-13-155-T3-SSC9
Description  155 Mbps Single Mode Transceiver (Long-Reach)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-T3-SSC9 Datasheet(HTML) 3 Page - Source Photonics, Inc.

  C-13-155-T3-SSC9 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-T3-SSC9 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
155 Mbps Single Mode Transceiver
(Long-Reach)
C-13-155(C)-T(3)-SSC7(9)
Warnings
Legal Notice
Connection Diagram
1. (Rx GND)
2. (RD +)
NC
3. (RD-)
4. (SD)
5. (Rx Vcc)
Top View
6. (Tx Vcc)
7. (TD-)
NC
8. (TD+)
9. (Tx GND)
Receiver Signal Ground
Receiver Data Out
Receiver Data Out Bar
Signal Detect
Receiver Power Supply
Transmitter Power Supply
Transmitter Data In Bar
Transmitter Data in
Transmitter Signal Ground
PIN
Symbol
Notes
1
RxGND
Directly connect this pin to the receiver ground plane
2
RD+
See recommended circuit schematic
3
RD-
See recommended circuit schematic
4
SD
Active high on this indicates a received optical signal
5
RxVcc
dc power for the receiver section
6
TxVcc
dc power for the transmitter section
7
TD-
See recommended circuit schematic
8
TD+
See recommended circuit schematic
9
TxGND
Directly connect this pin to the transmitter ground plane


Similar Part No. - C-13-155-T3-SSC9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-T3-SSC9 SOURCE-C-13-155-T3-SSC9 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9-G5 SOURCE-C-13-155-T3-SSC9-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9A SOURCE-C-13-155-T3-SSC9A Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9A-G5 SOURCE-C-13-155-T3-SSC9A-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC9B SOURCE-C-13-155-T3-SSC9B Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
More results

Similar Description - C-13-155-T3-SSC9

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SFC3-55-G5 SOURCE-C-13-155-T-SFC3-55-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3 SOURCE-C-13-155-T-SSC3 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com