Selected language     English  ▼


B-13-1250-T3-SSC2E Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part No. B-13-1250-T3-SSC2E
Description  1.25 Gbps Single Mode Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 5 page
background image
5
1.25 Gbps Single Mode Transceiver
C-13-1250(C)-T(3)-SSC(2)
5
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS601-May1806
Rev A.3
LUMINENTOIC.COM
1
2
3
4
5
9
7
8
6
Rx Vcc
Tx Vcc
Transceiver
Top view
No internal
connection
No internal
connection
C2
C1
C4
L2
C3
L1
Rx Vcc
Tx Vcc
Vcc
Tx Vcc
Rx Vcc
RD +
RD -
SD
TD +
TD -
R8
R10
R9
R7
C6
C5
R1
R3
R2
R4
R5
R6
Notes +3.3V:
R1=R3=R5=R7=R9=130
R2=R4=R6=R8=R10=82
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
Notes +5V:
R1=R3=R5=R7=R9=82
R2=R4=R6=R8=R10=130
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
Recommended Circuit Schematic
The split-loaded terminations for ECL signals need to be located at the input of devices receiving those ECL signals.
The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc.
A GND plane under the module is required for good EMI and sensitivity performance.
1
2
3
4
5
9
7
8
6
Rx Vcc
Tx Vcc
Transceiver
Top view
No internal
connection
No internal
connection
C2
C1
C4
L2
C3
L1
Rx Vcc
Tx Vcc
Vcc
Tx Vcc
Rx Vcc
RD +
RD -
SD
TD +
TD -
R6
R8
R7
C6
C5
R1
R3
R2
R4
R5
Notes +3.3V:
R1=R3=R5=R7=130
R2=R4=R6=R8=82
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
Notes +5V:
R1=R3=R5=R7=82
R2=R4=R6=R8=130
C1=C2=C3=C5=C6=0.1F
C4=10F
L1=L2=1H
C-13-1250C-T(3)-SSC(2)
C-13-1250-T(3)-SSC(2)




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C-13-1250-F-SLC1.25 Gbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-15-1250-TDPM3-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-15-1250-TDPM-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-127-1250-TDFB-SSC21.25 Gbps CWDM Single Mode Transceiver 5V 1 2 3 4 5 MoreSource Photonics, Inc.
C-127-1250-TDFB3-SSC21.25 Gbps CWDM Single Mode Transceiver 3.3V 1 2 3 4 5 MoreSource Photonics, Inc.
B-13-1250-TPM3-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-13-1250-TPM-S1.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 Source Photonics, Inc.
NU-73D74D-PG3.3V 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package GE-PON 1000BASE-PX10-U ONU Transceiver 1 2 3 4 5 Optoway Technology Inc
SPS-7110G3.3V / 1310 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
SPS-7380W-CXX0G3.3V / CWDM / 1.25 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl