Electronic Components Datasheet Search
Selected language     English  ▼


B-13-1250-T3-SSC2E Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part No. B-13-1250-T3-SSC2E
Description  1.25 Gbps Single Mode Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 8 page
background image
8
1.25 Gbps Single Mode Transceiver
C-13-1250(C)-T(3)-SSC(2)
8
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS601-May1806
Rev A.3
LUMINENTOIC.COM
Ordering Information
C - 13 - 1250(C) - T(3) - S SC TxPower Temperature and Package
RoHs
• 13 = Wavelength 1310nm
• Communication protocol
(1250 Mbps)
1250 = PECL Signal Detection Output
1250C = TTL Signal Detection Output
• Connector options
• Tx Power range
Blank = -3 to -10 dBm
2 = -5 to 0 dBm
• T = +5V Transceiver, FP
T3= +3.3V Transceier, FP
• Single mode fiber
• Temperature range and package
Blank = commercial temperature(0 to 70 ºC), 10.4 mm, Black case
A = industrial temperature(-40 to 85 ºC), 10.4 mm, Black case
B = industrial temperature(-40 to 85 ºC), 9.8 mm, Blue case
C = industrial temperature(-40 to 85 ºC), 9.8 mm, Black case
D = commercial temperature(0 to 70 ºC), 9.8 mm, Black case
E = commercial temperature(0 to 70 ºC), 9.8 mm, Blue case
Available Options:
C-13-1250-T-SSC(A/B/C/D/E)
C-13-1250C-T-SSC(A/B/C/D/E)
C-13-1250-T3-SSC(A/B/C/D/E)
C-13-1250C-T3-SSC(A/B/C/D/E)
C-13-1250-T-SSC2(A/B/C/D/E)
C-13-1250C-T-SSC2(A/B/C/D/E)
C-13-1250-T3-SSC2(A/B/C/D/E)
C-13-1250C-T3-SSC2(A/B/C/D/E)
Part numbering Definition:
C-13-1250-T-SSC(A/B/C/D/E)-G5
C-13-1250C-T-SSC(A/B/C/D/E)-G5
C-13-1250-T3-SSC(A/B/C/D/E)-G5
C-13-1250C-T3-SSC(A/B/C/D/E)-G5
C-13-1250-T-SSC2(A/B/C/D/E)-G5
C-13-1250C-T-SSC2(A/B/C/D/E)-G5
C-13-1250-T3-SSC2(A/B/C/D/E)-G5
C-13-1250C-T3-SSC2(A/B/C/D/E)-G5
C-13-1250-T-SSC(A/B/C/D/E)-GR
C-13-1250C-T-SSC(A/B/C/D/E)-GR
C-13-1250-T3-SSC(A/B/C/D/E)-GR
C-13-1250C-T3-SSC(A/B/C/D/E)-GR
C-13-1250-T-SSC2(A/B/C/D/E)-GR
C-13-1250C-T-SSC2(A/B/C/D/E)-GR
C-13-1250-T3-SSC2(A/B/C/D/E)-GR
C-13-1250C-T3-SSC2(A/B/C/D/E)-GR
• RoHS compliance available
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)
GR = Full RoHS compliant product (no exemption)




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C-13-1250-F-SLC1.25 Gbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-15-1250-TDPM3-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-15-1250-TDPM-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-127-1250-TDFB-SSC21.25 Gbps CWDM Single Mode Transceiver 5V 1 2 3 4 5 MoreSource Photonics, Inc.
C-127-1250-TDFB3-SSC21.25 Gbps CWDM Single Mode Transceiver 3.3V 1 2 3 4 5 MoreSource Photonics, Inc.
B-13-1250-TPM3-SSC-601.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
B-13-1250-TPM-S1.25 Gbps Bi-directional Single Fiber Transceiver 1 2 3 4 5 Source Photonics, Inc.
NU-73D74D-PG3.3V 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package GE-PON 1000BASE-PX10-U ONU Transceiver 1 2 3 4 5 Optoway Technology Inc
SPS-7110G3.3V / 1310 nm / 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
SPS-7380W-CXX0G3.3V / CWDM / 1.25 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl