Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-155C-T-SSC5A Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # C-13-155C-T-SSC5A
Description  155 Mbps Single Mode Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155C-T-SSC5A Datasheet(HTML) 6 Page - Source Photonics, Inc.

  C-13-155C-T-SSC5A Datasheet HTML 1Page - Source Photonics, Inc. C-13-155C-T-SSC5A Datasheet HTML 2Page - Source Photonics, Inc. C-13-155C-T-SSC5A Datasheet HTML 3Page - Source Photonics, Inc. C-13-155C-T-SSC5A Datasheet HTML 4Page - Source Photonics, Inc. C-13-155C-T-SSC5A Datasheet HTML 5Page - Source Photonics, Inc. C-13-155C-T-SSC5A Datasheet HTML 6Page - Source Photonics, Inc. C-13-155C-T-SSC5A Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
155 Mbps Single Mode Transceiver
C-13-155(C)-T3-SXX3(5)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS272-JAN2904
rev. 0
LUMINENTOIC.COM
Qualification Information
The 155 Mbps SM Transceiver has passed the following qualification tests and meets the intent of Telcordia (Bellcore) GR-468-CORE.
Qualification Test
Condition
Sample Size
Reference
Mechanical Shock
500 g
11
MIL-STD-883
Vibration
20g, 20 Hz-2,000 Hz
11
MIL-STD-883D Method 2007
Solderability
-
11
MIL-STD-883E Method 2003.7
Thermal Shock
25ºC
11
MIL-STD-883 Method 1011
Temperature Cycling
500 cycles
11
MIL-STD-883 Method 1010
Damp Heat
40ºC, 95% RH, 1344 hrs
11
MIL-STD-202 Method 103
Cyclic Moisture Resistance
10 cycles
11
MIL-STD-883 Method 1004
ESD
± 500V
6
MIL-STD-883D Method 3015.7
Front View
ST Transceiver Assembly
Side View
Top View
Rear View
Package Diagram


Similar Part No. - C-13-155C-T-SSC5A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155C-F-SLC SOURCE-C-13-155C-F-SLC Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155C-F-SLC-G5 SOURCE-C-13-155C-F-SLC-G5 Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155C-F-SLC3 SOURCE-C-13-155C-F-SLC3 Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155C-F-SLC3-G5 SOURCE-C-13-155C-F-SLC3-G5 Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
C-13-155C-F-SLC3A SOURCE-C-13-155C-F-SLC3A Datasheet
880Kb / 11P
   155 Mbps Single Mode SFF LC Transceiver
More results

Similar Description - C-13-155C-T-SSC5A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SFC3-55-G5 SOURCE-C-13-155-T-SFC3-55-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
SPS-3380W_2015 OPTOWAY-SPS-3380W_2015 Datasheet
150Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com