Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ697-1A-5D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ697-1A-5D
Description  10 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ697-1A-5D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ697-1A-5D Datasheet HTML 1Page - American Zettler, Inc. AZ697-1A-5D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COIL
Power
At Pickup Voltage
257 mW
(typical)
Max. Continuous
1.9 W at 20°C (68°F) ambient (Class B)
Dissipation
2.5 W at 20°C (68°F) ambient (Class F)
34° C (61°F) at nominal voltage
Temperature
Max. 130°C (266°F) Class B
Max. 155° C (311° F) Class F
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 300 W or 2770 VA
Max. switched current: 10 A
Max. switched voltage: 150* VDC or 380 VAC
*
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Rated Load
UL, CUR
TV-5 at 120 VAC [1][2][3]
10 A at 277 VAC, General Use [1]
10 A 30 VDC, Resistive [1]
1
/3 HP at 250 VAC [1]
1
/4 HP at 125 VAC N.O. [1]
10 A at 277 VAC, General Use, 100k cycles [2][3]
10 A at 30 VDC, Resistive, 100k cycles [2][3]
1/3 HP at 250 VAC, 100k cycles [2][3]
1/4 HP at 125 VAC, 100k cycles [2][3]
TÜV
10 A at 250 VAC, 30 VDC Resistive 100k cycles
[1][2]
10 A at 250 VAC, 30 VDC Resistive 50k cycles [3]
Material
Silver cadmium oxide [1], silver nickel [2], silver tin
oxide [3], Gold plating available
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
AZ697
4/9/09W
10 AMP MINIATURE
POWER RELAY
FEATURES
• Dielectric strength 5000 Vrms
• Low cost
• Epoxy sealed version available
• 10 Amp switching — single pole contacts
• UL TV-5
• Isolation spacing greater than 8mm
• UL Class B insulation system, Class F available
• UL, CUR file E44211; TÜV file R50129288
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 10 A 240 VAC Res.
Operate Time (typical)
8 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C, 500 VDC
Resistance
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 90°C (194°F) Class B
Storage
-40°C (-40°F) to 110°C (230°F) Class F
-40°C (-40°F) to 130°C (266°F) Class B
-40°C (-40°F) to 155°C (311°F) Class F
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P. C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
18 grams
Temperature Rise


Similar Part No. - AZ697-1A-5D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ697-1A-5D ETC1-AZ697-1A-5D Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ697-1A-5D ZETTLER-AZ697-1A-5D Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ697-1A-5D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940 AZETTLER-AZ940 Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ9402 AZETTLER-AZ9402 Datasheet
118Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com