Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1604 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG1604
Description  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1604 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG1604 Datasheet HTML 5Page - Analog Devices ADG1604 Datasheet HTML 6Page - Analog Devices ADG1604 Datasheet HTML 7Page - Analog Devices ADG1604 Datasheet HTML 8Page - Analog Devices ADG1604 Datasheet HTML 9Page - Analog Devices ADG1604 Datasheet HTML 10Page - Analog Devices ADG1604 Datasheet HTML 11Page - Analog Devices ADG1604 Datasheet HTML 12Page - Analog Devices ADG1604 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG1604
Rev. 0 | Page 9 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADG1604
NC = NO CONNECT
1
2
3
4
5
6
7
EN
VSS
S1
NC
D
S2
A0
14
13
12
11
10
9
8
GND
VDD
S3
NC
NC
S4
A1
TOP VIEW
(Not to Scale)
Figure 2. 14-Lead TSSOP Pin Configuration
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD TIED TO SUBSTRATE, VSS.
1
VSS
2
NC
3
S1
4
S2
11 VDD
12 GND
10 S3
9S4
TOP VIEW
(Not to Scale)
ADG1604
Figure 3. 16-Lead LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
15
A0
Logic Control Input.
2
16
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are
off. When this pin is high, the Ax logic inputs determine the on switch.
3
1
VSS
Most Negative Power Supply Potential.
4
3
S1
Source Terminal. This pin can be an input or output.
5
4
S2
Source Terminal. This pin can be an input or output.
6
6
D
Drain Terminal. This pin can be an input or output.
7, 8, 9
2, 5, 7, 8, 13
NC
No Connection.
10
9
S4
Source Terminal. This pin can be an input or output.
11
10
S3
Source Terminal. This pin can be an input or output.
12
11
VDD
Most Positive Power Supply Potential.
13
12
GND
Ground (0 V) Reference.
14
14
A1
Logic Control Input.
N/A
17 (EPAD)
EP (EPAD)
Exposed Pad. Tied to substrate, VSS.
Table 8. ADG1604 Truth Table
EN
A1
A0
S1
S2
S3
S4
0
X
X
Off
Off
Off
Off
1
0
0
On
Off
Off
Off
1
0
1
Off
On
Off
Off
1
1
0
Off
Off
On
Off
1
1
1
Off
Off
Off
On


Similar Part No. - ADG1604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1606 AD-ADG1606 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1606BCPZ-REEL7 AD-ADG1606BCPZ-REEL7 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1606BRUZ AD-ADG1606BRUZ Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1606BRUZ-REEL7 AD-ADG1606BRUZ-REEL7 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1607 AD-ADG1607 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
More results

Similar Description - ADG1604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com