Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM4160BRWZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM4160BRWZ
Description  Full/Low Speed USB Digital Isolator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4160BRWZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM4160BRWZ Datasheet HTML 6Page - Analog Devices ADuM4160BRWZ Datasheet HTML 7Page - Analog Devices ADuM4160BRWZ Datasheet HTML 8Page - Analog Devices ADuM4160BRWZ Datasheet HTML 9Page - Analog Devices ADuM4160BRWZ Datasheet HTML 10Page - Analog Devices ADuM4160BRWZ Datasheet HTML 11Page - Analog Devices ADuM4160BRWZ Datasheet HTML 12Page - Analog Devices ADuM4160BRWZ Datasheet HTML 13Page - Analog Devices ADuM4160BRWZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary Technical Data
ADuM4160
present on each side, VBUSx and VDDx. If 5V is available, it is
connected to VBUSx and the internal regulator makes 3.3V to run
the coupler. If 3.3V is available, it can be provided to both VBUSx
and VDDx. This disables the regulator and powers the coupler
directly from the 3.3V supply.
Figure 5, shows how a typical application is connected if the
upstream side of the coupler was getting power directly from
the USB bus and the downstream side was receiving 3.3V from
the peripheral power supply.
PC BOARD LAYOUT
The ADuM4160 digital isolator requires no external interface
circuitry for the logic interfaces. For full speed operation the
D+ and D- line on each side of the device require a 24Ω
±1%
series termination resistor. These resistors are not required for
low speed applications. Power supply bypassing is required at
the input and output supply pins (Figure 5). Install bypass
capacitors between VBUSx and VDDx on each side of the chip. The
capacitor value should have a minimum value of 0.1 μF and low
ESR. The total lead length between both ends of the capacitor
and the power supply pin should not exceed 10 mm . Bypassing
between Pin 2 and Pin 8 and between Pin 9 and Pin 15 should
also be considered, unless the ground pair on each package side
is connected close to the package.
Figure 5. Recommended Printed Circuit Board Layout
In applications involving high common-mode transients, care
should be taken to ensure that board coupling across the isolation
barrier is minimized. Furthermore, the board layout should be
designed such that any coupling that does occur equally affects
all pins on a given component side. Failure to ensure this could
cause voltage differentials between pins exceeding the device’s
Absolute Maximum Ratings, thereby leading to latch-up or
0.001
1k
10k
100k
10M
100M
1M
MAGNETIC FIELD FREQUENCY (Hz)
Figure 6. Maximum Allowable External Magnetic Flux Density
For example, at a magnetic field frequency of 1 MHz, the
maximum allowable magnetic field of 0.2 kgauss induces a
10
1
0.1
0.01
voltage of 0.25 V at the receiving coil. This is about 50% of the
side is assumed to be unpowered or nonfunctional, in which
case the isolator output is forced to a default state (see Table 10)
by the watchdog timer circuit.
The limitation on the ADuM4160’s magnetic field immunity is
set by the condition in which induced voltage in the transformer’s
receiving coil is sufficiently large to either falsely set or reset the
decoder. The following analysis defines the conditions under
which this may occur. The 3 V operating condition of the
ADuM4160 is examined because it represents the most
susceptible mode of operation.
The pulses at the transformer output have an amplitude greater
than 1.0 V. The decoder has a sensing threshold at about 0.5 V, thus
establishing a 0.5 V margin in which induced voltages can be
tolerated. The voltage induced across the receiving coil is given by
V = (−dβ/dt)
∏rn2; n = 1, 2, … , N
where:
β is magnetic flux density (gauss).
N is the number of turns in the receiving coil.
rn is the radius of the nth turn in the receiving coil (cm).
Given the geometry of the receiving coil in the ADuM4160 and
an imposed requirement that the induced voltage be at most
50% of the 0.5 V margin at the decoder, a maximum allowable
magnetic field is calculated as shown in Figure 6.
100
permanent damage.
sensing threshold and does not cause a faulty output transition.
DC CORRECTNESS AND MAGNETIC FIELD
IMMUNITY
Positive and negative logic transitions at the isolator input
cause narrow (~1 ns) pulses to be sent to the decoder via the
transformer. The decoder is bistable and is, therefore, either set
or reset by the pulses, indicating input logic transitions. In the
absence of logic transitions at the input for more than ~1 μs, a
periodic set of refresh pulses indicative of the correct input state
are sent to ensure dc correctness at the output. If the decoder
receives no internal pulses of more than about 5 μs, the input
Similarly, if such an event were to occur during a transmitted
pulse (and was of the worst-case polarity), it would reduce the
received pulse from >1.0 V to 0.75 V—still well above the 0.5 V
sensing threshold of the decoder.
The preceding magnetic flux density values correspond to
specific current magnitudes at given distances from the
ADuM4160 transformers. Figure 7 expresses these allowable
current magnitudes as a function of frequency for selected
distances. As shown, the ADuM4160 is extremely immune and
can be affected only by extremely large currents operated at
Rev. Pr F | Page 11 of 14


Similar Part No. - ADuM4160BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM4160BRWZ AD-ADuM4160BRWZ Datasheet
262Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
REV. C
ADuM4160BRWZ AD-ADuM4160BRWZ Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
ADUM4160BRWZ AD-ADUM4160BRWZ Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
ADuM4160BRWZ-RL AD-ADuM4160BRWZ-RL Datasheet
262Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
REV. C
ADuM4160BRWZ-RL AD-ADuM4160BRWZ-RL Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
More results

Similar Description - ADuM4160BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM4160 AD-ADUM4160_10 Datasheet
262Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
REV. C
ADUM3160 AD-ADUM3160_V01 Datasheet
317Kb / 16P
   Full/Low Speed 2.5 kV USB Digital Isolator
Rev. C
ADUM4160 AD-ADUM4160_V01 Datasheet
288Kb / 16P
   Full/Low Speed 5 kV USB Digital Isolator
Rev. D
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
   Low Power Full-Speed USB Controller
FM8PU86LK FEELING-FM8PU86LK Datasheet
861Kb / 36P
   Full-Speed USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com