Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP40-60 Datasheet(PDF) 1 Page - Superworld Electronics

Part # LP40-60
Description  POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

LP40-60 Datasheet(HTML) 1 Page - Superworld Electronics

  LP40-60 Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
LP40-60 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
10.06.2008
indicates polarity
1
115/230V
4
2
Primaries
3
5
8
6
7
40.00
(1.575)
PCB Pattern
SIZE
2
L
WH
B
A
UNIT : mm (inch)
gram
141.75
(1.500)
38.10
(1.894)
48.10
17.00
(0.669)
(0.374)
9.50
40.50
(1.594)
50/60Hz
3
4
2
1
7
8
6
5
L
A
PC terminal
plug-in
mounting
B
B
a. Primary Voltage
AC 115/230 V 50/60 Hz .
b. NO Load Primary Current
Input AC 115V 60Hz .
Less Than 25mA .
Input AC 230V 50Hz .
Less Than 25mA .
c. Secondary Voltage (±5%)
Series AC 64.60V .
Parallel AC 32.30V .
d. Secondary Load Current
Series 60mA .
Parallel 120mA .
e. Full Load Primary Current
Input AC 115V 60Hz .
Less Than 35mA .
Input AC 230V 50Hz .
Less Than 45mA .
f. Full Load Secondary Voltage (±5%)
Series 40.00V .
Pin 3-4
Pin 1-2
g. DC Resistance
= 1080 Ohm .
Primary = 1080 Ohm .
Parallel 20.00V .
Pin 5-6
Pin 7-8
h. Insulation Resistance
i. Withstand Voltage (Hi-Pot)
Secondary = 109 Ohm .
= 109 Ohm .
DC 500V 100Meg Ohm Of More .
AC 1500V 60Hz 1 Minutes .
Less Than 60 Deg C .
UI-29 x 5.30 m/m .
j. Temperature Rise
k. Core Size


Similar Part No. - LP40-60

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
LP40-600 SUPERWORLD-LP40-600 Datasheet
110Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP40-60B29 PULSE-LP40-60B29 Datasheet
152Kb / 1P
   Laminated Transformers
LP40-60B29 PULSE-LP40-60B29 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
More results

Similar Description - LP40-60

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
   POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
   POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
   POWER TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3876G PCA-EPA3876G Datasheet
50Kb / 1P
   Power Transformer
logo
List of Unclassifed Man...
F-229X ETC2-F-229X Datasheet
50Kb / 1P
   POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-605 RHOMBUS-IND-T-605 Datasheet
37Kb / 1P
   POWER TRANSFORMER
logo
Superworld Electronics
14A-10-12 SUPERWORLD-14A-10-12 Datasheet
111Kb / 1P
   POWER TRANSFORMER
14A-10-16 SUPERWORLD-14A-10-16 Datasheet
112Kb / 1P
   POWER TRANSFORMER
CS7-16 SUPERWORLD-CS7-16 Datasheet
109Kb / 1P
   POWER TRANSFORMER
14A-20-12 SUPERWORLD-14A-20-12 Datasheet
112Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com