Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD-MR-D1254CDA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # XPD-MR-D1254CDA
Description  10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XPD-MR-D1254CDA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  XPD-MR-D1254CDA Datasheet HTML 1Page - Source Photonics, Inc. XPD-MR-D1254CDA Datasheet HTML 2Page - Source Photonics, Inc. XPD-MR-D1254CDA Datasheet HTML 3Page - Source Photonics, Inc. XPD-MR-D1254CDA Datasheet HTML 4Page - Source Photonics, Inc. XPD-MR-D1254CDA Datasheet HTML 5Page - Source Photonics, Inc. XPD-MR-D1254CDA Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10 Gbps 120km DWDM Multirate XFP Transceiver
Preliminary
XPD-MR-D12-xxCDA
3
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS640-AUG072007
Rev. 0.3
Symbol
Min
Typical
Max
Unit
Clock Differential Input Impedance
Zd
80
100
120
Differential Input Clock Amplitude (p-p)
640
-
1600
mV
Reference Clock Duty Cycle
40
-
60
%
Reference Clcok Rise/Fall Time (20%-80%)
Tr/T
rr f
200
-
1250
ps
Reference Clock Frequency
f0
ff
-
Baud/64
-
MHz
Reference Clock
λ Wavelength Ordering
ITU Channel/Product Code
Frequency (THz)
Wavelength (nm) ITU Channel/Product Code
Frequency (THz)
Wavelength (nm)
17
191.7
1563.863
40
194.0
1545.322
18
191.8
1563.047
41
194.1
1544.526
19
191.9
1562.233
42
194.2
1543.730
20
192.0
1561.419
43
194.3
1542.936
21
192.1
1560.606
44
194.4
1542.142
22
192.2
1559.794
45
194.5
1541.349
23
192.3
1558.983
46
194.6
1540.557
24
192.4
1558.173
47
194.7
1539.766
25
192.5
1557.363
48
194.8
1538.976
26
192.6
1556.555
49
194.9
1538.186
27
192.7
1555.747
50
195.0
1537.397
28
192.8
1554.940
51
195.1
1536.609
29
192.9
1554.134
52
195.2
1535.822
30
193.0
1553.329
53
195.3
1535.036
31
193.1
1552.524
54
195.4
1534.250
32
193.2
1551.721
55
195.5
1533.465
33
193.3
1550.918
56
195.6
1532.681
34
193.4
1550.116
57
195.7
1531.898
35
193.5
1549.315
58
195.8
1531.116
36
193.6
1548.515
59
195.9
1530.334
37
193.7
1547.715
60
196.0
1529.553
38
193.8
1546.917
61
196.1
1528.773
39
193.9
1546.119
λc Wavelength Guide
XPD-MR-D12-xxCDA
See table below for “xx” values


Similar Part No. - XPD-MR-D1254CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XPD-MR-04-15CDA SOURCE-XPD-MR-04-15CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-16CDA SOURCE-XPD-MR-04-16CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-17CDA SOURCE-XPD-MR-04-17CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-18CDA SOURCE-XPD-MR-04-18CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-19CDA SOURCE-XPD-MR-04-19CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
More results

Similar Description - XPD-MR-D1254CDA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XP-MR-D12-CDA SOURCE-XP-MR-D12-CDA Datasheet
829Kb / 5P
   10 Gbps 120km Multirate XFP Transceiver Preliminary
XPD-MR-04-15CDA SOURCE-XPD-MR-04-15CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
   10 Gbps 80km DWDM Multirate XFP Transceiver
XP-MR-08-CDA SOURCE-XP-MR-08-CDA Datasheet
828Kb / 5P
   10 Gbps 80km Multirate XFP Transceiver Preliminary
XP-MR-04-CDA SOURCE-XP-MR-04-CDA Datasheet
828Kb / 5P
   10 Gbps 40km Multirate XFP Transceiver Preliminary
logo
MRV Communications, Inc...
XFP-DWLR12P MRV-XFP-DWLR12P Datasheet
117Kb / 6P
   10 Gbps DWDM Multirate XFP Transceivers
XFP-10GD-LR12P MRV-XFP-10GD-LR12P Datasheet
100Kb / 5P
   10 Gbps Multirate XFP Transceivers
logo
Silicon Laboratories
SI5040 SILABS-SI5040 Datasheet
131Kb / 2P
   10 Gbps XFP Transceiver
logo
List of Unclassifed Man...
SI5040-D-GM ETC2-SI5040-D-GM Datasheet
138Kb / 2P
   10 Gbps XFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com