Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDR-S-30B-H-SSTA-G5 Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # EDR-S-30B-H-SSTA-G5
Description  ELED ST Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

EDR-S-30B-H-SSTA-G5 Datasheet(HTML) 3 Page - Source Photonics, Inc.

  EDR-S-30B-H-SSTA-G5 Datasheet HTML 1Page - Source Photonics, Inc. EDR-S-30B-H-SSTA-G5 Datasheet HTML 2Page - Source Photonics, Inc. EDR-S-30B-H-SSTA-G5 Datasheet HTML 3Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IMPORTANT NOTICE!
All information
contained in this document is subject to change without notice, at Luminent's sole and absolute discretion.
Luminent warrants performance of its products to current specifications only in accordance with the company's standard one-year war-
ranty; however, specifications designated as “preliminary" are given to describe components only, and Luminent expressly disclaims
any and all warranties for said products, including express, implied, and statutory warranties, warranties of merchantability, fit-
ness for a particular purpose, and non-infringement of proprietary rights.
Please refer to the company's Terms and Conditions of
Sale for further warranty information.
Luminent
assumes no liability for applications assistance, customer product design, software performance, or infringement of pat-
ents, services, or intellectual property described herein.
No license, either express or implied, is granted under any patent right,
copyright, or intellectual property right, and Luminent makes no representations or warranties that the product(s) described herein
are free from patent, copyright, or intellectual property rights.
Products described in this document are NOT intended for use in
implantation or other life support applications where malfunction may result in injury or death to persons.
Luminent customers using
or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify Luminent for any
damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS" BASIS.
Customer agrees that Luminent is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this
document.
Customer
must contact Luminent to obtain the latest version of this publication to verify, before placing any order, that
the information contained herein is current.
© Luminent, Inc. 2006
All rights reserved
Handling
Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment
is highly recommended. Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
3
ELED ST Receptacle
EDR-S-30B-X-SSTX-XX
LUMNDS704-JAN2006
rev. A.4
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Warnings
Legal Notice
Ordering Information
RoHS Compliant
-/G5/GR
Blank = RoHS non-compliant product
GR = Full RoHS compliant product (no exemption)
G5 = RoHS 5/6-compliant product (lead exemption)
ST
Package Option
Fiber
S=Single Mode
A=ST-A
Connector
EDR-S-30B-X-SSTX-XX
Tolerance
Family
Wavelength
B=+/- 40nm
30:1300nm
Power
L/M/H
EDR=ELED Receptacle
Device
S=Short
B=ST-B


Similar Part No. - EDR-S-30B-H-SSTA-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
EDR-S-30B-H-SFCE SOURCE-EDR-S-30B-H-SFCE Datasheet
536Kb / 3P
   ELED FC Receptacle
EDR-S-30B-H-SFCE-G5 SOURCE-EDR-S-30B-H-SFCE-G5 Datasheet
536Kb / 3P
   ELED FC Receptacle
EDR-S-30B-H-SFCE-GR SOURCE-EDR-S-30B-H-SFCE-GR Datasheet
536Kb / 3P
   ELED FC Receptacle
EDR-S-30B-H-SFCF SOURCE-EDR-S-30B-H-SFCF Datasheet
536Kb / 3P
   ELED FC Receptacle
EDR-S-30B-H-SFCF-G5 SOURCE-EDR-S-30B-H-SFCF-G5 Datasheet
536Kb / 3P
   ELED FC Receptacle
More results

Similar Description - EDR-S-30B-H-SSTA-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
EDR-L-30B-L-NSTA SOURCE-EDR-L-30B-L-NSTA Datasheet
493Kb / 3P
   ELED ST Receptacle
EDR-L-30B-L-SSTA SOURCE-EDR-L-30B-L-SSTA Datasheet
345Kb / 3P
   ELED ST Receptacle
EDR-S-30B-L-SFCE SOURCE-EDR-S-30B-L-SFCE Datasheet
536Kb / 3P
   ELED FC Receptacle
EDR-L30B-L-SSCH SOURCE-EDR-L30B-L-SSCH Datasheet
511Kb / 4P
   ELED SC Receptacle
EDR-L-30B-L-SFCE SOURCE-EDR-L-30B-L-SFCE Datasheet
334Kb / 4P
   ELED FC Receptacle
SGC-GC-30B-L-1SST SOURCE-SGC-GC-30B-L-1SST Datasheet
710Kb / 3P
   ELED ST Sugar Cube Transmitter Preliminary
EDP-L-30B-L-SSCN-N SOURCE-EDP-L-30B-L-SSCN-N Datasheet
476Kb / 3P
   ELED Pigtailed Module
EDP-S-30B-L-SSCN SOURCE-EDP-S-30B-L-SSCN Datasheet
515Kb / 3P
   ELED Pigtailed Module
SGC-GC-30B-L-1SFC SOURCE-SGC-GC-30B-L-1SFC Datasheet
452Kb / 3P
   ELED FC Sugar Cube Transmitter Preliminary
SGC-GC-30B-L-1SSC SOURCE-SGC-GC-30B-L-1SSC Datasheet
464Kb / 3P
   ELED SC Sugar Cube Transmitter Preliminary
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com