Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ761-1C-6DSE Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ761-1C-6DSE
Description  12 A SPDT MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ761-1C-6DSE Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ761-1C-6DSE Datasheet HTML 1Page - American Zettler, Inc. AZ761-1C-6DSE Datasheet HTML 2Page - American Zettler, Inc. AZ761-1C-6DSE Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COIL SPECIFICATIONS - AC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Current (mA)
Coil Resistance
Unsealed
Sealed
VAC
VAC
VAC
24
18.0
31.2
31.6
350 ± 10%
AZ761–1C–24AF
AZ761–1C–24AEF
115
86.3
149.5
6.6
8,100 ± 15%
AZ761–1C–115AF AZ761–1C–115AEF
230
172.5
299.0
3.2
32,500 ± 15%
AZ761–1C–230AF AZ761–1C–230AEF
AZ
10/17/07W
RELAY ORDERING DATA
COIL SPECIFICATIONS – 12 A RATING - DC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil
Unsealed
Sealed
VDC
VDC
VDC
Resistance ± 10%
5
3.5
10.2
62
AZ761–1C–5D
AZ761–1C–5DE
6
4.2
12.3
90
AZ761–1C–6D
AZ761–1C–6DE
12
8.4
24.7
360
AZ761–1C–12D
AZ761–1C–12DE
18
12.6
37.0
810
AZ761–1C–18D
AZ761–1C–18DE
24
16.8
49.4
1,440
AZ761–1C–24D
AZ761–1C–24DE
48
33.6
98.0
5,760
AZ761–1C–48D
AZ761–1C–48DE
60
42.0
112.9
7500
AZ761–1C–60D
AZ761–1C–60DE
110
77.0
206.9
25,200
AZ761–1C–110D
AZ761–1C–110DE
COIL SPECIFICATIONS - SENSITIVE COIL – 10 A RATING - DC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil
Unsealed
Sealed
VDC
VDC
VDC
Resistance ± 10%
5
3.8
13.0
100
AZ761–1C–5DS
AZ761–1C–5DSE
6
4.5
15.6
144
AZ761–1C–6DS
AZ761–1C–6DSE
12
9.0
31.3
576
AZ761–1C–12DS
AZ761–1C–12DSE
18
13.5
46.9
1296
AZ761–1C–18DS
AZ761–1C–18DSE
24
18.0
62.6
2304
AZ761–1C–24DS
AZ761–1C–24DSE
48
36.0
125.2
9216
AZ761–1C–48DS
AZ761–1C–48DSE
60
45.0
147.8
12867
AZ761–1C–60DS
AZ761–1C–60DSE
AZ761
Substitute “1A” or “1B” in place of “1C” for Form A or B respectively. Add suffix “E” to “1A” or “1B” or “1C” for silver tin oxide contacts. Add suffix “B” to “1A” or
“1B” or “1C” for silver nickel contacts. Add suffix “A” for gold plated contacts. *Add suffix “K” for 5 mm pin spacing version. Add suffix “F” for Class F version (DC
coils only).


Similar Part No. - AZ761-1C-6DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ761-1C-6DS ZETTLER-AZ761-1C-6DS Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ761-1C-6DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761_14 Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761 Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ763 AZETTLER-AZ763 Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com