Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5356B Datasheet(PDF) 6 Page - Motorola, Inc

Part # 1N5356B
Description  5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5356B Datasheet(HTML) 6 Page - Motorola, Inc

  1N5356B Datasheet HTML 1Page - Motorola, Inc 1N5356B Datasheet HTML 2Page - Motorola, Inc 1N5356B Datasheet HTML 3Page - Motorola, Inc 1N5356B Datasheet HTML 4Page - Motorola, Inc 1N5356B Datasheet HTML 5Page - Motorola, Inc 1N5356B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1N5333B through 1N5388B
Motorola TVS/Zener Device Data
6-6
5 Watt Surmetic 40 Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
5 Watt Surmetic 40
MULTIPLE PACKAGE QUANTITY (MPQ)
REQUIREMENTS
Zener Voltage Regulator Diodes — Axial Leaded
CASE 17-02
PLASTIC
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
(Refer to Section 10 for more information on Packaging Specifications.)
Package Option
Tape and Reel
4K
Type No. Suffix
RL
MPQ (Units)
Tape and Ammo
TA
2K
B
A
K
D
F
K
F
1
2
NOTE:
1. LEAD DIAMETER & FINISH NOT CONTROLLED
WITHIN DIM F.
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
8.38
3.30
0.94
25.40
8.89
3.68
1.09
1.27
31.75
0.330
0.130
0.037
1.000
0.350
0.145
0.043
0.050
1.250
A
B
D
F
K


Similar Part No. - 1N5356B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5356B MICROSEMI-1N5356B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Pan Jit International I...
1N5356B PANJIT-1N5356B Datasheet
306Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE- 11 to 200 Volts Power - 5.0 Watts)
logo
ON Semiconductor
1N5356B ONSEMI-1N5356B Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
1N5356B ONSEMI-1N5356B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Pan Jit International I...
1N5356B PANJIT-1N5356B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5356B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
logo
Motorola, Inc
1N5913B MOTOROLA-1N5913B Datasheet
156Kb / 10P
   1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Micro Commercial Compon...
1N5348BE MCC-1N5348BE Datasheet
637Kb / 6P
   5 Watt Zener Diode 11 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com