Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ762-1C-48D Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ762-1C-48D
Description  16 A SPDT MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ762-1C-48D Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ762-1C-48D Datasheet HTML 1Page - American Zettler, Inc. AZ762-1C-48D Datasheet HTML 2Page - American Zettler, Inc. AZ762-1C-48D Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AZ
9/25/07W
AZ762
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil
Unsealed
Sealed
VDC
VDC
VDC
Resistance ±10%
5
3.5
10.2
62
AZ762–1C–5D
AZ762–1C–5DE
6
4.2
12.3
90
AZ762–1C–6D
AZ762–1C–6DE
12
8.4
24.7
360
AZ762–1C–12D
AZ762–1C–12DE
18
12.6
37.0
810
AZ762–1C–18D
AZ762–1C–18DE
24
16.8
49.4
1,440
AZ762–1C–24D
AZ762–1C–24DE
48
33.6
98.0
5760
AZ762–1C–48D
AZ762–1C–48DE
60
42.0
112.9
7,500
AZ762–1C–60D
AZ762–1C–60DE
110
77.0
206.9
25,200
AZ762–1C–110D
AZ762–1C–110DE
COIL SPECIFICATIONS - AC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Current (mA)
Coil Resistance
Unsealed
Sealed
VAC
VAC
VAC
24
18.0
31.2
31.6
350 ± 10%
AZ762–1C–24AF
AZ762–1C–24AEF
115
86.3
149.5
6.6
8,100 ± 15%
AZ762–1C–115AF AZ762–1C–115AEF
230
172.5
299.0
3.2
32,500 ± 15%
AZ762–1C–230AF AZ762–1C–230AEF
Substitute “1A” or “1B” in place of “1C” for Form A or B respectively. Add suffix “E” to “1A” or “1B” or “1C” for silver tin oxide contacts. Add suffix “B” to “1A” or
“1B” or “1C” for silver nickel contacts. Add suffix “A” for gold plated contacts. Add suffix “F” for Class F version (DC coils only). Add suffix “I” at the end of part
number for high inrush version 80A (contact form 1AE only, DC coils only, no gold plating).


Similar Part No. - AZ762-1C-48D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ762-1C-48D ZETTLER-AZ762-1C-48D Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
AZ762-1C-48D ZETTLER-AZ762-1C-48D Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ762-1C-48D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762-1AE AZETTLER-AZ762-1AE Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 AZETTLER-AZ764 Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ764 ZETTLER-AZ764 Datasheet
131Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ764S ZETTLER-AZ764S_12 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ764S ZETTLER-AZ764S Datasheet
80Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
logo
American Zettler, Inc.
AZ762H AZETTLER-AZ762H Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com