Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ761-1C-115AEF Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ761-1C-115AEF
Description  12 A SPDT MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ761-1C-115AEF Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ761-1C-115AEF Datasheet HTML 1Page - American Zettler, Inc. AZ761-1C-115AEF Datasheet HTML 2Page - American Zettler, Inc. AZ761-1C-115AEF Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AZ761
10/17/07W
MECHANICAL DATA
[29.5]
1.161 Max.
[13.2]
.520 Max.
[0.5]
3X .020
[0.3]
.012
[16.2]
.638 Max.
[4.1]
.161
[0.5]
2X .020
[0.8]
3X .031
[0.5]
2X .020
.125
(3.2)
DIA
.414
(10.5)
1.22
(30.9)
.500
(12.7)
1.28
(32.5)
.354
(9.0)
.177
(4.5)
MAX.
.366
(9.3)
.059
(1.5)
DIA
.276
(7.0)
.295
(7.5)
.792
(20.1)
.118
(3.0)
RETAINING
CLIP
ST482-U1
.661 [16.79]
1.385 [35.19]
.895 [22.73]
VIEWED TOWARD TERMINALS
FORM "A"
FORM "B"
FORM "C"
1
3
54
54
54
12
12
3
[7.6]
.299
.101
[2.56]
.260
[6.6]
[5.0]
.197
[5.0]
.197
[3.5]
.138
[ø1.3]
5X ø.051
[6.6]
.260
[20.16]
.793
[ø1.3]
5X ø.051
[20.16]
.793
[7.6]
.299
[3.5]
.138
5.0mm SPACING FORM "C"
3.5mm SPACING FORM "C"
VIEWED TOWARD TERMINALS
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
ST482-3
HARDWARE
HARDWARE ORDERING DATA
DESCRIPTION
ORDER NUMBER
DESCRIPTION
ORDER NUMBER
Socket
ST482–U1
Retainer
ST482–3
PC BOARD LAYOUT
OUTLINE DIMENSIONS
WIRING DIAGRAM


Similar Part No. - AZ761-1C-115AEF

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ761-1C-110D ZETTLER-AZ761-1C-110D Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ761-1C-110D ZETTLER-AZ761-1C-110D Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ761-1C-115AEF

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761_14 Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761 Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ763 AZETTLER-AZ763 Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com