Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC-GC-55B-H-2MFC Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SGC-GC-55B-H-2MFC
Description  ELED FC Sugar Cube Transmitter Preliminary
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SGC-GC-55B-H-2MFC Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SGC-GC-55B-H-2MFC Datasheet HTML 1Page - Source Photonics, Inc. SGC-GC-55B-H-2MFC Datasheet HTML 2Page - Source Photonics, Inc. SGC-GC-55B-H-2MFC Datasheet HTML 3Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IMPORTANT NOTICE!
Allinformationcontainedinthisdocumentissubjecttochangewithoutnotice,atLuminent'ssoleandabsolutediscretion. Luminentwarrantsperformanceofits
productstocurrentspecificationsonlyinaccordancewiththecompany'sstandardone-yearwarranty;however,specificationsdesignatedas“preliminary"aregivento
describecomponentsonly,andLuminentexpresslydisclaimsanyandallwarrantiesforsaidproducts,includingexpress,implied,andstatutorywarranties,warranties
ofmerchantability,fitnessforaparticularpurpose,andnon-infringementofproprietaryrights.Pleaserefertothecompany'sTermsandConditionsofSaleforfurther
warranty information.
Luminentassumesnoliabilityforapplicationsassistance,customerproductdesign,softwareperformance,orinfringementofpatents,services,orintellectualproperty
describedherein.Nolicense,eitherexpressorimplied,isgrantedunderanypatentright,copyright,orintellectualpropertyright,andLuminentmakesnorepresenta-
tionsorwarrantiesthattheproduct(s)describedhereinarefreefrompatent,copyright,orintellectualpropertyrights.ProductsdescribedinthisdocumentareNOT
intendedforuseinimplantationorotherlifesupportapplicationswheremalfunctionmayresultininjuryordeathtopersons. Luminentcustomersusingorselling
productsforuseinsuchapplicationsdosoattheirownriskandagreetofullydefendandindemnifyLuminentforanydamagesresultingfromsuchuseorsale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS" BASIS. Customer agrees that Luminent is not liable for any actual,
consequential,exemplary,orotherdamagesarisingdirectlyorindirectlyfromanyuseoftheinformationcontainedinthisdocument. CustomermustcontactLumi-
nent to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© Luminent, Inc. 2005
All rights reserved
HandlingPrecautions:Thisdeviceissusceptibletodamageasaresultofelectrostaticdischarge(ESD).Astaticfreeenvironmentishighlyrecommended.Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
3
ELED FC Sugar Cube Transmitter
Preliminary
SGC-GC-XXB-X-XXFC-XX
LUMNDS706-SEP2905
rev. A.2
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Warnings
Legal Notice
Ordering Information
C=CW
Application
G=ELED (Long)
Device
Tolerance
B=+/- 40nm
Power
L/M/H
M= Multimode 50/125/900um
S = Singlemode 9/125/900um
2=Option 2 (Tx)
FC=FC
55:1550nm
Fiber
Pinout
1=Option 1 (Tx)
30:1300nm
Wavelength
Family
SGC=Sugar Cube
SGC-GC-XXB-X-XXFC-XX
Connector
RoHS Compliant
-/G5/GR
Blank = RoHS non-compliant product
GR = Full RoHS compliant product (no exemption)
G5 = RoHS 5/6-compliant product (lead exemption)


Similar Part No. - SGC-GC-55B-H-2MFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SGC-GC-55B-H-2MSC SOURCE-SGC-GC-55B-H-2MSC Datasheet
464Kb / 3P
   ELED SC Sugar Cube Transmitter Preliminary
SGC-GC-55B-H-2MSC-G5 SOURCE-SGC-GC-55B-H-2MSC-G5 Datasheet
464Kb / 3P
   ELED SC Sugar Cube Transmitter Preliminary
SGC-GC-55B-H-2MSCGR SOURCE-SGC-GC-55B-H-2MSCGR Datasheet
464Kb / 3P
   ELED SC Sugar Cube Transmitter Preliminary
SGC-GC-55B-H-2MST SOURCE-SGC-GC-55B-H-2MST Datasheet
710Kb / 3P
   ELED ST Sugar Cube Transmitter Preliminary
SGC-GC-55B-H-2MST-G5 SOURCE-SGC-GC-55B-H-2MST-G5 Datasheet
710Kb / 3P
   ELED ST Sugar Cube Transmitter Preliminary
More results

Similar Description - SGC-GC-55B-H-2MFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SGC-GC-30B-L-1SSC SOURCE-SGC-GC-30B-L-1SSC Datasheet
464Kb / 3P
   ELED SC Sugar Cube Transmitter Preliminary
SGC-GC-30B-L-1SST SOURCE-SGC-GC-30B-L-1SST Datasheet
710Kb / 3P
   ELED ST Sugar Cube Transmitter Preliminary
EDR-S-30B-L-SFCE SOURCE-EDR-S-30B-L-SFCE Datasheet
536Kb / 3P
   ELED FC Receptacle
EDR-L-30B-L-SFCE SOURCE-EDR-L-30B-L-SFCE Datasheet
334Kb / 4P
   ELED FC Receptacle
logo
List of Unclassifed Man...
833H-1C-C-12VDC ETC2-833H-1C-C-12VDC Datasheet
87Kb / 3P
   Miniature PCB baby sugar cube relay General purpose application
logo
Fuji Electric
EDS5-101A FUJI-EDS5-101A Datasheet
138Kb / 5P
   FC SERIES PRESSURE TRANSMITTER
EDS6-103A FUJI-EDS6-103A Datasheet
174Kb / 6P
   FC SERIES FLOW TRANSMITTER
EDS8-1F FUJI-EDS8-1F Datasheet
110Kb / 4P
   FC SERIES EMF TRANSMITTER
logo
Source Photonics, Inc.
EDP-L-30B-L-SSCN-N SOURCE-EDP-L-30B-L-SSCN-N Datasheet
476Kb / 3P
   ELED Pigtailed Module
logo
Fuji Electric
EDS6-101A FUJI-EDS6-101A Datasheet
167Kb / 6P
   FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com