Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B-15-155-T-SFC3AG5 Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # B-15-155-T-SFC3AG5
Description  155 Mbps Bi-directional Receptacle Single Fiber Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-15-155-T-SFC3AG5 Datasheet(HTML) 2 Page - Source Photonics, Inc.

  B-15-155-T-SFC3AG5 Datasheet HTML 1Page - Source Photonics, Inc. B-15-155-T-SFC3AG5 Datasheet HTML 2Page - Source Photonics, Inc. B-15-155-T-SFC3AG5 Datasheet HTML 3Page - Source Photonics, Inc. B-15-155-T-SFC3AG5 Datasheet HTML 4Page - Source Photonics, Inc. B-15-155-T-SFC3AG5 Datasheet HTML 5Page - Source Photonics, Inc. B-15-155-T-SFC3AG5 Datasheet HTML 6Page - Source Photonics, Inc. B-15-155-T-SFC3AG5 Datasheet HTML 7Page - Source Photonics, Inc. B-15-155-T-SFC3AG5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
155 Mbps Bi-directional Receptacle
Single Fiber Transceiver
B-13/15-155(C)-T(3)-Sxx3(4)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS591-Apr2007
Rev A.2
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Electrical
Power Supply Current
ICC
-
-
140
mA
Maximum current is specified at Vcc=
Maximum @ maximum temperature
Data Input Current-Low
IIL
-350
-
-
µA
Data Input Current-High
IIH
-
-
350
µA
Differential Input Voltage
VIH-VIL
300
-
-
mV
Data Input Voltage-Low
VIL-VCC
-2.0
-
-1.58
V
These inputs are compatible with 10K,
10KH and 100K ECL and PECL inputs
Data Input Voltage-High
VIH-VCC
-1.1
-
-0.74
V
Transmitter Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Sensitivity
-
-
-
-33
dBm
Measured with 223-1 PRBS, BER = 10-10
Maximum Input Power
Pin
-3
-
-
dBm
Signal Detect-Asserted
Pa
-
-
-33
dBm
Measured on transition: low to high
(Note1)
Signal Detect-Deasserted
Pd
-45
-
-
dBm
Signal Detect-Hysteresis
1.0
-
4.0
dB
Cross Talk
-
-
-
-33
dB
Wavelength of Operation
1480
-
1600
nm
Note 1: The SD level should be deasserted when fiber disconnected
Receiver Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Note
Electrical
Power Supply Current
ICC
-
-
100
mA
The current excludes the output load
current
Data output Voltage-Low
VOL -Vcc
-2.0
-
-1.58
V
These outputs are compatible with 10K,
10KH and 100KECL and PECL outputs
Data output Voltage-High
VOH- Vcc
-1.1
-
-0.74
V
Signal Detect output Voltge-Low
VSDL-Vcc
-2.0
-
-1.58
V
B-13/15-155-T(3)-Sxx3(4)
Signal Detect Output Voltge-High
VSDH- Vcc
-1.1
-
-0.74
V
Signal Detect Output Voltage-Low
VSDL
-
-
0.5
V
B-13/15-155C-T(3)-Sxx3(4)
Signal Detect Output Voltage-High
VSDH
2.0
-
-
V
Receiver Specifications


Similar Part No. - B-15-155-T-SFC3AG5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
Source Photonics, Inc.
B-15-155-T-SSC5-40 SOURCE-B-15-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-T-SSC5-40-G5 SOURCE-B-15-155-T-SSC5-40-G5 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-T-SSC7-40 SOURCE-B-15-155-T-SSC7-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-T-SSC7-40-G5 SOURCE-B-15-155-T-SSC7-40-G5 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results

Similar Description - B-15-155-T-SFC3AG5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-13-155-T-SSC5 SOURCE-B-15-13-155-T-SSC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-TDFB-SSC5-G5 SOURCE-B-15-155-TDFB-SSC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com