Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDR-F3-31Z-L-T-AM Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # LDR-F3-31Z-L-T-AM
Description  1310nm & 1550nm Laser Diode Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

LDR-F3-31Z-L-T-AM Datasheet(HTML) 3 Page - Source Photonics, Inc.

  LDR-F3-31Z-L-T-AM Datasheet HTML 1Page - Source Photonics, Inc. LDR-F3-31Z-L-T-AM Datasheet HTML 2Page - Source Photonics, Inc. LDR-F3-31Z-L-T-AM Datasheet HTML 3Page - Source Photonics, Inc. LDR-F3-31Z-L-T-AM Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LDR-FX-XXZ-X-T-XXSTSA-XX
1310nm & 1550nm Laser Diode Module
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS789-MAY2906
rev. A.3
Outline Drawing
Units in mm
Receptacle Package Style : ST - A Type
2
1
4
3
Pin 1 : Laser Anode and Monitor Diode Cathode
Pin 4 : Monitor Diode Anode
Pin 1 : Laser Cathode
Pin 3 : Monitor Diode Anode
Pin 2 : Laser Anode and Case Gnd
Pin 4 : Monitor Diode Cathode
CASE
A Type
Pin 2 : Case Gnd
Pin 3 : Laser Cathode
D Type
LD
PD
CASE
LD
PD
LD Pin Assignment


Similar Part No. - LDR-F3-31Z-L-T-AM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
LDR-FC-31Z-H-T-AMFCNE SOURCE-LDR-FC-31Z-H-T-AMFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNE-G5 SOURCE-LDR-FC-31Z-H-T-AMFCNE-G5 Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNE-GR SOURCE-LDR-FC-31Z-H-T-AMFCNE-GR Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNG SOURCE-LDR-FC-31Z-H-T-AMFCNG Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-H-T-AMFCNG-G5 SOURCE-LDR-FC-31Z-H-T-AMFCNG-G5 Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
More results

Similar Description - LDR-F3-31Z-L-T-AM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
LDR-FC-31Z-L-T-ASFCNE SOURCE-LDR-FC-31Z-L-T-ASFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-L-T-ASNCN SOURCE-LDP-FC-31Z-L-T-ASNCN Datasheet
518Kb / 4P
   1310nm & 1550nm Laser Diode Module
logo
List of Unclassifed Man...
C-15-002 ETC2-C-15-002 Datasheet
501Kb / 6P
   1550nm 2.5Gbps Laser Diode Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
logo
List of Unclassifed Man...
LD131T10 ETC-LD131T10 Datasheet
251Kb / 4P
   1310nm Laser Diode
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
C-13-1315T-01 SOURCE-C-13-1315T-01 Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
C-13-1315T-08 SOURCE-C-13-1315T-08 Datasheet
260Kb / 4P
   1310nm Laser Diode Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com