Electronic Components Datasheet Search
Selected language     English  ▼


R-11-055-P-SST Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part No. R-11-055-P-SST
Description  55um InGaAs PIN Photodiode Modules-pigtailed
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

   
 2 page
background image
2
R-11-055X-P-SXX/XXX-X-XX
55um InGaAs PIN Photodiode
Modules-pigtailed
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS801-DEC1406
rev. A.1
LUMINENTOIC.COM
PD Pin Assignment
1~PD(-)
2~CASE
3~PD(+)
Pin Assignment
CASE(2)
PD-(1)
PD+(3)
Functional Schematic
Packaging Dimension
Units in mm.
FC:FC/PC
FC:FC/UPC
FC:FC/APC
Pin-out: A type
Pin-out: B type
"K":Horizontal (KX Housing)
SC:SC/APC
ST:ST/PC
Flange Type
"V":Vertical
SC:SC/PC
SC:SC/UPC
"O":Horizonal (Omega Housing)
" - ": Flangeless
Connector Type
Part Number : R-11-055X-P-SXX/XXX-X-XX




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
G9230-01_04InGaAs PIN photodiode 1 2 Hamamatsu Corporation
PD-1170InGaAs PIN PHOTODIODE 3 mm InGaAs PIN Photdiode with TO-5 Package 1 2 Optoway Technology Inc
G67150InGaAs PIN photodiode array 1 2 Hamamatsu Corporation
G9906-01InGaAs PIN photodiode 1 2 Hamamatsu Corporation
OD125InGaAs PIN Photodiode for Optical Communications 1 2 3 OKI electronic componets
G8370-81InGaAs PIN photodiode 1 2 3 Hamamatsu Corporation
G10342-14InGaAs PIN photodiode with preamp 1 2 Hamamatsu Corporation
PD-1190InGaAs PIN PHOTODIODE 2 mm InGaAs PIN Photdiode with TO-5 Package 1 2 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl