Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-622-T3-SFC4 Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # C-13-622-T3-SFC4
Description  622 Mbps Single Mode Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-622-T3-SFC4 Datasheet(HTML) 6 Page - Source Photonics, Inc.

  C-13-622-T3-SFC4 Datasheet HTML 1Page - Source Photonics, Inc. C-13-622-T3-SFC4 Datasheet HTML 2Page - Source Photonics, Inc. C-13-622-T3-SFC4 Datasheet HTML 3Page - Source Photonics, Inc. C-13-622-T3-SFC4 Datasheet HTML 4Page - Source Photonics, Inc. C-13-622-T3-SFC4 Datasheet HTML 5Page - Source Photonics, Inc. C-13-622-T3-SFC4 Datasheet HTML 6Page - Source Photonics, Inc. C-13-622-T3-SFC4 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
622 Mbps Single Mode Transceiver
C-13-622-T(3)-SFC
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS802-Oct1606
Rev. A.2
• Communication protocol
(622 Mbps)
Ordering Information
C - 13 - 622 - T(3) - S FC Tx Power
-RoHS
• Wavelength
13= 1310 nm
• Connector options
• T3 = +3.3V Transceiver, FP
T = +5V Transceiver, FP
• Single mode fiber
Available Options:
C-13-622-T3-SFC
C-13-622-T-SFC
C-13-622-T3-SFC-G5
C-13-622-T-SFC-G5
Part unmbering Definition:
• Tx Power range
Blank = -15 to -8 dBm
4 = -3 to +2 dBm
• Ordering Information
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)
C-13-622-T3-SFC4
C-13-622-T-SFC4
C-13-622-T3-SFC4-G5
C-13-622-T-SFC4-G5


Similar Part No. - C-13-622-T3-SFC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622-T3-SSC4 SOURCE-C-13-622-T3-SSC4 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622-T3-SSC4-G5 SOURCE-C-13-622-T3-SSC4-G5 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622-T3-SSC4A SOURCE-C-13-622-T3-SSC4A Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622-T3-SSC4A-G5 SOURCE-C-13-622-T3-SSC4A-G5 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-13-622-T3-SSC4B SOURCE-C-13-622-T3-SSC4B Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
More results

Similar Description - C-13-622-T3-SFC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-622-T-SSC4 SOURCE-C-13-622-T-SSC4 Datasheet
551Kb / 7P
   622 Mbps Single Mode Transceiver
C-147-622-TDFB-SSC4 SOURCE-C-147-622-TDFB-SSC4 Datasheet
493Kb / 7P
   622 Mbps CWDM Single Mode Transceiver
logo
Optoway Technology Inc
SPS-53120-CXX0G_2015 OPTOWAY-SPS-53120-CXX0G_2015 Datasheet
149Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140G OPTOWAY-SPS-5140G_15 Datasheet
147Kb / 5P
   622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_15 Datasheet
147Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-13-622C-F-SLC SOURCE-C-13-622C-F-SLC Datasheet
651Kb / 8P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622-F-SLC SOURCE-C-13-622-F-SLC Datasheet
1Mb / 8P
   622 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
SPS-53160-CXX0G OPTOWAY-SPS-53160-CXX0G_15 Datasheet
152Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com