Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-010-PK-SLCMI Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # C-13-010-PK-SLCMI
Description  10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-010-PK-SLCMI Datasheet(HTML) 4 Page - Source Photonics, Inc.

  C-13-010-PK-SLCMI Datasheet HTML 1Page - Source Photonics, Inc. C-13-010-PK-SLCMI Datasheet HTML 2Page - Source Photonics, Inc. C-13-010-PK-SLCMI Datasheet HTML 3Page - Source Photonics, Inc. C-13-010-PK-SLCMI Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
4
10Gbps 1310 nm MQW-FP
Laser Diode Pigtailed Module-Differential TOSA
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS806-FEB2006
rev. A.2
C-13-010-PK-SXXXX
Ordering Information
Available Options:
C-13-010-PK-SSC2I
C-13-010-PK-SLC2I
C-13-010-PK-SSCMI
C-13-010-PK-SLCMI
C - 13 - 0
10 - P K - S
XX
X
X
Application
Wavelength
Device
Application
Type
Pinout
Fiber type
Connector
Power
Isolator & Fiber stub
C=
Communicaton
13=1310nm
0=FP
10=10Gbps
P=pigtail
K
S=Single mode
SC
2=1.5~2.5mW
I=Isolator
LC
M=0.3~1mW


Similar Part No. - C-13-010-PK-SLCMI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-13-010-TG-SLC2B ETC2-C-13-010-TG-SLC2B Datasheet
534Kb / 7P
   10Gbps 1310 nm MQW-FP Laser Diode Module-TOSA
C-13-010-TG-SLC2I ETC2-C-13-010-TG-SLC2I Datasheet
534Kb / 7P
   10Gbps 1310 nm MQW-FP Laser Diode Module-TOSA
C-13-010-TG-SLCMB ETC2-C-13-010-TG-SLCMB Datasheet
534Kb / 7P
   10Gbps 1310 nm MQW-FP Laser Diode Module-TOSA
C-13-010-TG-SLCMI ETC2-C-13-010-TG-SLCMI Datasheet
534Kb / 7P
   10Gbps 1310 nm MQW-FP Laser Diode Module-TOSA
C-13-010-TG-SSL2B ETC2-C-13-010-TG-SSL2B Datasheet
534Kb / 7P
   10Gbps 1310 nm MQW-FP Laser Diode Module-TOSA
More results

Similar Description - C-13-010-PK-SLCMI

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-DFB10-PK-SSC2I SOURCE-C-13-DFB10-PK-SSC2I Datasheet
1Mb / 4P
   10Gbps 1310 nm MQW-DFB Laser Diode Pigtailed Module-Differential TOSA
C-13-DFB10-PK-SSCLI SOURCE-C-13-DFB10-PK-SSCLI Datasheet
849Kb / 4P
   10Gbps 1310 nm MQW-DFB Laser Diode Pigtailed Module-Differential TOSA
logo
List of Unclassifed Man...
C-13-010-TX ETC2-C-13-010-TX Datasheet
534Kb / 7P
   10Gbps 1310 nm MQW-FP Laser Diode Module-TOSA
logo
Source Photonics, Inc.
C-13-DFB10-TK-SSCMI-01 SOURCE-C-13-DFB10-TK-SSCMI-01 Datasheet
976Kb / 5P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-Differential TOSA
C-13-DFB10-TJ-SSC2I SOURCE-C-13-DFB10-TJ-SSC2I Datasheet
1Mb / 5P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TA-SSCMI SOURCE-C-13-DFB10-TA-SSCMI Datasheet
1Mb / 8P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TK-SSC2I-HT-01 SOURCE-C-13-DFB10-TK-SSC2I-HT-01 Datasheet
967Kb / 5P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-Differential TOSA
C-13-DFB10-TA-SSCMI-HT SOURCE-C-13-DFB10-TA-SSCMI-HT Datasheet
1Mb / 8P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TJ-SSC2I-HT-01 SOURCE-C-13-DFB10-TJ-SSC2I-HT-01 Datasheet
1Mb / 5P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TJ-SLC2I SOURCE-C-13-DFB10-TJ-SLC2I Datasheet
653Kb / 3P
   10 Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com