Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-DR-IR1-TNA Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # SP-DR-IR1-TNA
Description  Dual Rate SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-DR-IR1-TNA Datasheet(HTML) 4 Page - Source Photonics, Inc.

  SP-DR-IR1-TNA Datasheet HTML 1Page - Source Photonics, Inc. SP-DR-IR1-TNA Datasheet HTML 2Page - Source Photonics, Inc. SP-DR-IR1-TNA Datasheet HTML 3Page - Source Photonics, Inc. SP-DR-IR1-TNA Datasheet HTML 4Page - Source Photonics, Inc. SP-DR-IR1-TNA Datasheet HTML 5Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dual Rate SFP Transceiver
SP-DR-IR1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS836-Oct1105
Rev A.0
LUMINENTOIC.COM
4
Pin
Function
Notes
1
VeeT
TX Ground
2
TX_FAULT
Open Collector
3
TX_DISABLE
Internally Pulled High
4
MOD_DEF2
Serial Data Input
5
MOD_DEF1
Serial Clock Input
6
MOD_DEF0
Internally Grounded
7
NC
Not Connected
8
LOS
Open Collector
9
VeeR
RX Ground
10
VeeR
RX Ground
11
VeeR
RX Ground
12
RXD-
RX Data Negative
13
RXD+
RX Data Positive
14
VeeR
RX Ground
15
VccR
RX Power
16
VccT
TX Power
17
VeeT
TX Ground
18
TXD+
TX Data Positive
19
TXD-
TX Data Negative
20
VeeT
TX Ground
Outline drawing
Units in mm
Section A-A


Similar Part No. - SP-DR-IR1-TNA

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
SP-02N FOTEK-SP-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
SP-02NB FOTEK-SP-02NB Datasheet
1Mb / 6P
   Inductive proximity sensor
SP-02P FOTEK-SP-02P Datasheet
1Mb / 6P
   Inductive proximity sensor
SP-02PB FOTEK-SP-02PB Datasheet
1Mb / 6P
   Inductive proximity sensor
logo
Source Photonics, Inc.
SP-03-ELR-CDA SOURCE-SP-03-ELR-CDA Datasheet
492Kb / 9P
   155 Mbps SFP Transceiver
More results

Similar Description - SP-DR-IR1-TNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
SP-TR-LX-CNA SOURCE-SP-TR-LX-CNA Datasheet
500Kb / 7P
   10Km Tri-rate SFP Transceiver
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
   Multi-Rate SFP Transceiver(SR1)
SP-MR-LR1-CDA SOURCE-SP-MR-LR1-CDA Datasheet
473Kb / 7P
   Multi-Rate SFP Transceiver(LR1)
SP-MR-LR2-CDA SOURCE-SP-MR-LR2-CDA Datasheet
488Kb / 5P
   Multi-Rate SFP Transceiver(LR2)
SP-MR-LR1 SOURCE-SP-MR-LR1 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR1)
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
SP-MR-LR2 SOURCE-SP-MR-LR2 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR2)
SP-MR-IR2-CDA SOURCE-SP-MR-IR2-CDA Datasheet
499Kb / 5P
   Multi-Rate SFP Transceiver(IR2)
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com