Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDP-L-30B-M-SNCN-P Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # EDP-L-30B-M-SNCN-P
Description  ELED Pigtailed Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

EDP-L-30B-M-SNCN-P Datasheet(HTML) 3 Page - Source Photonics, Inc.

  EDP-L-30B-M-SNCN-P Datasheet HTML 1Page - Source Photonics, Inc. EDP-L-30B-M-SNCN-P Datasheet HTML 2Page - Source Photonics, Inc. EDP-L-30B-M-SNCN-P Datasheet HTML 3Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IMPORTANT NOTICE!
All information
contained in this document is subject to change without notice, at Luminent's sole and absolute discretion.
Luminent warrants performance of its products to current specifications only in accordance with the company's standard one-year war-
ranty; however, specifications designated as “preliminary" are given to describe components only, and Luminent expressly disclaims
any and all warranties for said products, including express, implied, and statutory warranties, warranties of merchantability, fit-
ness for a particular purpose, and non-infringement of proprietary rights.
Please refer to the company's Terms and Conditions of
Sale for further warranty information.
Luminent
assumes no liability for applications assistance, customer product design, software performance, or infringement of pat-
ents, services, or intellectual property described herein.
No license, either express or implied, is granted under any patent right,
copyright, or intellectual property right, and Luminent makes no representations or warranties that the product(s) described herein
are free from patent, copyright, or intellectual property rights.
Products described in this document are NOT intended for use in
implantation or other life support applications where malfunction may result in injury or death to persons.
Luminent customers using
or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify Luminent for any
damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS" BASIS.
Customer agrees that Luminent is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this
document.
Customer must contact Luminent to obtain the latest version of this publication to verify, before placing any order, that
the information contained herein is current.
© LuminentOIC, Inc. 2007
All rights reserved
Handling
Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment
is highly recommended. Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
3
ELED Pigtailed Module
EDP-L-XXB-X-SXXX-XS-XX
LUMNDS702-APR2507
rev. A.3
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Warnings
Legal Notice
Ordering Information
S: 100cm
Lenght
N=NC
Face
P=PC
A=APC
D=SPF
C=SP
RoHS Compliant
-/G5/GR
Blank = RoHS non-compliant product
GR = Full RoHS compliant product (no exemption)
G5 = RoHS 5/6-compliant product (lead exemption)
SC/FC/ST/LC/NC
Package Option
Fiber
S=SM 900um
N=NC
Connector
EDP-L-XXB-X-SXXX-XS-XX
Tolerance
Family
Wavelength
B=+/- 40nm
30:1300nm
Power
L/M/H/U
EDP=ELED Pigtail
Device
L=Long
55:1550nm


Similar Part No. - EDP-L-30B-M-SNCN-P

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
EDP-S-30B-H-MFCC SOURCE-EDP-S-30B-H-MFCC Datasheet
515Kb / 3P
   ELED Pigtailed Module
EDP-S-30B-H-MFCC-G5 SOURCE-EDP-S-30B-H-MFCC-G5 Datasheet
515Kb / 3P
   ELED Pigtailed Module
EDP-S-30B-H-MFCC-GR SOURCE-EDP-S-30B-H-MFCC-GR Datasheet
515Kb / 3P
   ELED Pigtailed Module
EDP-S-30B-H-MFCD SOURCE-EDP-S-30B-H-MFCD Datasheet
515Kb / 3P
   ELED Pigtailed Module
EDP-S-30B-H-MFCD-G5 SOURCE-EDP-S-30B-H-MFCD-G5 Datasheet
515Kb / 3P
   ELED Pigtailed Module
More results

Similar Description - EDP-L-30B-M-SNCN-P

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
EDP-S-30B-L-SSCN SOURCE-EDP-S-30B-L-SSCN Datasheet
515Kb / 3P
   ELED Pigtailed Module
logo
Agilent(Hewlett-Packard...
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
LST252X HP-LST252X Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
   Analog Coaxial Pigtailed Laser Module
logo
Source Photonics, Inc.
EDR-S-30B-L-SFCE SOURCE-EDR-S-30B-L-SFCE Datasheet
536Kb / 3P
   ELED FC Receptacle
EDR-L-30B-L-SSTA SOURCE-EDR-L-30B-L-SSTA Datasheet
345Kb / 3P
   ELED ST Receptacle
EDR-L30B-L-SSCH SOURCE-EDR-L30B-L-SSCH Datasheet
511Kb / 4P
   ELED SC Receptacle
EDR-L-30B-L-NSTA SOURCE-EDR-L-30B-L-NSTA Datasheet
493Kb / 3P
   ELED ST Receptacle
EDR-S-30B-L-SSTA SOURCE-EDR-S-30B-L-SSTA Datasheet
429Kb / 3P
   ELED ST Receptacle
EDR-L-30B-L-SFCE SOURCE-EDR-L-30B-L-SFCE Datasheet
334Kb / 4P
   ELED FC Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com