Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OTP-345V1-PE-155 Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # OTP-345V1-PE-155
Description  FSAN High Power Triplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

OTP-345V1-PE-155 Datasheet(HTML) 4 Page - Source Photonics, Inc.

  OTP-345V1-PE-155 Datasheet HTML 1Page - Source Photonics, Inc. OTP-345V1-PE-155 Datasheet HTML 2Page - Source Photonics, Inc. OTP-345V1-PE-155 Datasheet HTML 3Page - Source Photonics, Inc. OTP-345V1-PE-155 Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
OTP-345V1-PF-622-SCA-D4
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants
performance of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated
as “preliminary” are given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express,
implied, and statutory warranties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to
the company’s Terms and Conditions of Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or
intellectual property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and
LuminentOIC makes no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights.
Products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury
or death to persons. LuminentOIC customers using or selling products for use in such applications do so at their own risk and agree to fully defend and
indemnify LuminentOIC for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any actual,
consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must con-
tact LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2005
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended.
Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
LUMNDS826-AUG0105
rev. A.1
FSAN High Power Triplexer
Ordering Information
Blank = No Isolator
I = Isolator
-
• D4 : PIN and PIN TIA assignments rotate
180 aegree, Customer P/N:728-000261-06
• Blank = Pigtail
RL = Receptacle LC
RS = Receptacle SC
Half Peak Output Pow er -
Connector
Digital TIA - Isolator - Connector Type
Design specific
-
Blank = No TIA
155
622
1250
SCX
LCX
FCX
STX
X = A (angled)
X = U (ultra)
• PX
OTP - 345V 1 -
PA A = -13 to -16dBm
PA =
-9 to -13 dBm
PB = -6 to -9 dBm
PC = -3 to -6 dBm
PD = -1 to -3 dBm
PE = -1 to +1 dBm
PF = +1 to +3 dBm
M in.
Part Numbering Definition:
Available Options:
OTP-345V1-PF-622-SCA-D4


Similar Part No. - OTP-345V1-PE-155

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
   FSAN High Power Triplexer
More results

Similar Description - OTP-345V1-PE-155

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
   FSAN High Power Triplexer
logo
List of Unclassifed Man...
ODP-43-PE ETC2-ODP-43-PE Datasheet
809Kb / 4P
   FSAN High Power Diplexer
logo
Mini-Circuits
TPLX-F2700 MINI-TPLX-F2700 Datasheet
593Kb / 4P
   Triplexer
TPLX-E2485 MINI-TPLX-E2485 Datasheet
612Kb / 4P
   Triplexer
ZTPL-4620 MINI-ZTPL-4620 Datasheet
487Kb / 4P
   Triplexer
logo
Source Photonics, Inc.
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
logo
Pulse A Technitrol Comp...
C6224NL PULSE-C6224NL Datasheet
136Kb / 2P
   TRIPLEXER FILTER MODULE
logo
TDK Electronics
TPX205950MT-7004A1 TDK-TPX205950MT-7004A1 Datasheet
95Kb / 8P
   Multilayer Triplexer
logo
Pulse A Technitrol Comp...
C6442NL PULSE-C6442NL Datasheet
266Kb / 2P
   TRIPLEXER FILTER MODULE
C6365NL PULSE-C6365NL Datasheet
271Kb / 2P
   TRIPLEXER FILTER MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com