Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ762H-1CB-18DSE Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ762H-1CB-18DSE
Description  16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ762H-1CB-18DSE Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ762H-1CB-18DSE Datasheet HTML 1Page - American Zettler, Inc. AZ762H-1CB-18DSE Datasheet HTML 2Page - American Zettler, Inc. AZ762H-1CB-18DSE Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AZ762H
11/13/08W
[5 .0 ]
.1 9 7
[5 .0 ]
.1 9 7
VIEW ED T O W A R D S T E R M IN AL S
P C BO ARD L A Y O UT
[15.16]
.597
[2 .5 ]
.0 9 8
[ø0 .8 ]
2Xø.0 3 2
[ø1.3]
[2 .5 ]
.0 9 8
.1 9 7
[5 .0 ]
.1 9 7
[5 .0 ]
[15.16]
[7 .5 ]
[15.7]
.1 5 4
6 X .0 3 5
[3 .9 ]
[0 .9 ]
.619 Max.
[7 .5 ]
6Xø.0 5 0
6X .0 20
[0 .5 ]
.0 9 8
[2 .5 ]
.597
.5 2 0 M a x .
[1 3 .2 ]
1.161 M a x .
[2 9 .5 ]
.2 9 5
.2 9 5
[7 .5 ]
2Xø.0 2 4
[ø0 .6 ]
.2 9 5
WIRING DIAGRAMS
VIEWED TOWARDS TERMINALS
2
1
3
6
4
7
5
8
.5 0 0
(1 2 .7 )
1.22
(3 0 .9 )
1.28
(3 2 .5 )
.1 7 7
(4 .5 )
MA X
.3 5 4
(9 .0 )
.3 6 6
(9 .3 )
.1 2 5 D IA
(0 .5 )
.1 9 7
(5 .0 )
.2 9 5
(7 .5 )
.5 90 (15)
.1 9 7
(5 .0 )
.0 5 9 D IA
(1 .5 )
.118
(3 .0 )
.4 1 4
(1 0 .5 )
HARDWARE
RE T
AINING CL IP
Viewed toward terminals
.661 [1 6.79]
1.385 [3 5.19]
.8 95 [22.73]
*
*
*
*
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
MECHANICAL DATA
ST484-U1
ST482-3
* Terminals 3 & 6 not used on form A
HARDWARE ORDERING DATA
DESCRIPTION
ORDER NUMBER
DESCRIPTION
ORDER NUMBER
Socket
ST484–U1
Retainer
ST482–3


Similar Part No. - AZ762H-1CB-18DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ762H-1CB-18DF ZETTLER-AZ762H-1CB-18DF Datasheet
50Kb / 3P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
More results

Similar Description - AZ762H-1CB-18DSE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762-1AE AZETTLER-AZ762-1AE Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 AZETTLER-AZ764 Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ764 ZETTLER-AZ764 Datasheet
131Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ764S ZETTLER-AZ764S_12 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ764S ZETTLER-AZ764S Datasheet
80Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com