Selected language     English  ▼


C-127-2500-FDFB-SLC2 Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part No. C-127-2500-FDFB-SLC2
Description  2.5 Gbps Single Mode SFF LC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SOURCE [Source Photonics, Inc.]
Homepage  http://www.sourcephotonics.com
Logo 

 
 5 page
background image
5
2.5 Gbps Single Mode SFF LC Transceiver
C-1XX-2500(C)-FDFB-SLCX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS851-Jul2005
rev. A.0
LUMINENTOIC.COM
TTL logic level
Fig. 4A
2
Vcc_RX
POST
AMP
RECEIVER
PIN
BIAS
AMP
TZ
RX_GND
1
RX_D
5
RX_D
4
3
SD
See
Fig. 3
DRIVER
TRANSMITTER
LASER
7
TX_GND
Vcc_TX 6
TX_D 10
See
TX_D 9
TX_DIS
8
Serializer / De-Serializer
with LVPECL lnputs/Outputs
130
130
Vcc= +3.3V
82
Z=50�
Z=50�
82
RD +
RD -
Note 1
Z=50�
Z=50�
TD -
TD +
N ot e1
N
o te 1
Figure 2.Recommended TRANSMIT and RECEIVE Data Terminations for SERDES with LVPECL I/Os.
Note 1. Consult SERDES manufacturer’s application information for biasing required for Tx outputs. Some serializer outputs
are internally biased and may not need external bias resistors.
Signal Detect
The C-1XX-2500(C)-FDFB-SLCX transceivers are equipped with LVTTL / LVPECL signal detect outputs. The standard LVTTL output eliminates
the need for a LVPECL to LVTTL level shifter in most in most applications.
LVPECL
or
LVTTL Logic
R: For LVTTL level R1=N.C., R2=N.C.
LVPECL level R1=82,R2=130
R1
R2
Figure 3: Signal Detect
Note:
C-1XX-2500-FDFB-SLCX with LVPECL SD output
C-1XX-2500C-FDFB-SLCX with LVTTL SD output




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C-13-2500-FDFB-SLC42.5 Gbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-127-1250-FDFB-SLC21.25 Gbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-127-1250AC-FDFB-SLC21.25 Gbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-1250AC-F-SLC1.25 Gbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-1250-F-SLC1.25 Gbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-2500-TDFB-SSC22.5 Gbps Single Mode Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-1250-FDFB-SLC21.25 Gbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
C-13-622C-F-SLC622 Mbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.
TRSL-9340WG3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER 1 2 3 4 5 Optoway Technology Inc
C-13-622-F-SLC622 Mbps Single Mode SFF LC Transceiver 1 2 3 4 5 MoreSource Photonics, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl