Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH16952 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH16952
Description  16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16952 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALVCH16952 Datasheet HTML 1Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 2Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 3Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 4Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 5Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 6Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 7Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 8Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN74ALVCH16952
16-BIT REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES011D – JULY 1995 – REVISED FEBRUARY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Except I/O ports (see Note 1)
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O ports (see Notes 1 and 2)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through each VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): DGG package
81
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
74
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed..
2. This value is limited to 4.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VCC = 1.65 V to 1.95 V
0.65
× VCC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× VCC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
IOH
High level output current
VCC = 2.3 V
–12
mA
IOH
High-level output current
VCC = 2.7 V
–12
mA
VCC = 3 V
–24
VCC = 1.65 V
4
IOL
Low level output current
VCC = 2.3 V
12
mA
IOL
Low-level output current
VCC = 2.7 V
12
mA
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
–40
85
°C
NOTE 4: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74ALVCH16952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16952DGGR TI1-SN74ALVCH16952DGGR Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16952DGVR TI1-SN74ALVCH16952DGVR Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16952DL TI1-SN74ALVCH16952DL Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16952DLR TI1-SN74ALVCH16952DLR Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH16952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com