Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH16952 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH16952
Description  16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16952 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ALVCH16952 Datasheet HTML 3Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 4Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 5Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 6Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 7Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 8Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 9Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 10Page - Texas Instruments SN74ALVCH16952 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SN74ALVCH16952
16-BIT REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES011D – JULY 1995 – REVISED FEBRUARY 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC = 2.7 V AND 3.3 V ± 0.3 V
tPLH
VOH
VOL
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
6 V
Open
GND
500
500
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
2.7 V
0 V
1.5 V
1.5 V
VOH
VOL
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
0 V
1.5 V
2.7 V
0 V
1.5 V
1.5 V
0 V
2.7 V
0 V
1.5 V
1.5 V
tw
Input
2.7 V
2.7 V
3 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Output
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Figure 3. Load Circuit and Voltage Waveforms


Similar Part No. - SN74ALVCH16952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16952DGGR TI1-SN74ALVCH16952DGGR Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16952DGVR TI1-SN74ALVCH16952DGVR Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16952DL TI1-SN74ALVCH16952DL Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16952DLR TI1-SN74ALVCH16952DLR Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH16952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com