Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B-15-13-1250C-F-SSC4G5 Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # B-15-13-1250C-F-SSC4G5
Description  1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-15-13-1250C-F-SSC4G5 Datasheet(HTML) 6 Page - Source Photonics, Inc.

Back Button B-15-13-1250C-F-SSC4G5 Datasheet HTML 2Page - Source Photonics, Inc. B-15-13-1250C-F-SSC4G5 Datasheet HTML 3Page - Source Photonics, Inc. B-15-13-1250C-F-SSC4G5 Datasheet HTML 4Page - Source Photonics, Inc. B-15-13-1250C-F-SSC4G5 Datasheet HTML 5Page - Source Photonics, Inc. B-15-13-1250C-F-SSC4G5 Datasheet HTML 6Page - Source Photonics, Inc. B-15-13-1250C-F-SSC4G5 Datasheet HTML 7Page - Source Photonics, Inc. B-15-13-1250C-F-SSC4G5 Datasheet HTML 8Page - Source Photonics, Inc. B-15-13-1250C-F-SSC4G5 Datasheet HTML 9Page - Source Photonics, Inc. B-15-13-1250C-F-SSC4G5 Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
1.25 Gbps bi-directional SC Receptacle
single Fiber Transceiver
B-1X/1X-1250C-F(DFB)-SSCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS796-Jan2407
Rev. A.3
Recommended Circuit Board Layout
DIMENSION IN MILLIMETER (INCHES)
NOTES:
1.THIS FIGURE DESCRIBE THE RECOMMAND CIRCUIT BOARD LAYOUT FOR THE SFF TRANSCEIVER.
2.THE HATCHED AREAS ARE KEEP-OUT AREAS RESERVED FOR HOUSING STANDOFF. NO METAL
TRACES OR GROUND CONNECTION IN KEEP-OUT AREAS.
3.THE MOUNTING STUDS SHOULD BE SOLDERED TO CHASSIS GROUND FOR MECHANICAL INTEGRITY.


Similar Part No. - B-15-13-1250C-F-SSC4G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5-G5 SOURCE-B-15-13-155-FDFB-SSC5-G5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5S SOURCE-B-15-13-155-FDFB-SSC5S Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5S-G5 SOURCE-B-15-13-155-FDFB-SSC5S-G5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-T-SFC5 SOURCE-B-15-13-155-T-SFC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results

Similar Description - B-15-13-1250C-F-SSC4G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM3-SSC-60 SOURCE-B-15-1250-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-13-155-T-SSC4 SOURCE-B-15-13-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
Source Photonics, Inc.
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-13-15-155-T-SSC4 SOURCE-B-13-15-155-T-SSC4 Datasheet
944Kb / 6P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com