Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-03-LR2-RNA Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SP-03-LR2-RNA
Description  155 Mbps SFP Transceiver (LR2)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-03-LR2-RNA Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SP-03-LR2-RNA Datasheet HTML 1Page - Source Photonics, Inc. SP-03-LR2-RNA Datasheet HTML 2Page - Source Photonics, Inc. SP-03-LR2-RNA Datasheet HTML 3Page - Source Photonics, Inc. SP-03-LR2-RNA Datasheet HTML 4Page - Source Photonics, Inc. SP-03-LR2-RNA Datasheet HTML 5Page - Source Photonics, Inc. SP-03-LR2-RNA Datasheet HTML 6Page - Source Photonics, Inc. SP-03-LR2-RNA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
155 Mbps SFP Transceiver (LR2)
SP-03-LR2
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS854-Dec0806
Rev A.2
LUMINENTOIC.COM
Name of Field
Description of Field
Address
Hex
ASCII
Vendor Name
SFP Vendor name(ASCII)
20
4C
L
21
55
U
22
4D
M
23
49
I
24
4E
N
25
45
E
26
4E
N
27
54
T
28
4F
O
29
49
I
30
43
C
Vendor OUI
IEEE vendor OUI code for LuminentOIC Inc.
37
00
38
06
39
B5
Vendor P/N
Part number in ASCII, e.g.
SP-03-LR2-CDA
40
53
S
41
50
P
42
30
0
43
33
3
44
4C
L
45
52
R
46
32
2
47
43
C
48
44
D
49
41
A
EEPROM Serial ID
Parameter
Range
Accuracy
Unit
Calibration
Formula
Temperature (-CDx)
-5 to 70
±3
ºC
Internal
Tc(C)=Tad(16 bit signed twos complement)/256
Temperature (-RDx)
-20 to 85
±3
ºC
Internal
Tc(C)=Tad(16 bit signed twos complement)/256
Temperature (-TDx)
-40 to 85
±3
ºC
Internal
Tc(C)=Tad(16 bit signed twos complement)/256
Voltage
0 to Vcc
0.1
V
Internal
V(Volts)=Vad(16 bit unsigned integer)*0.1
Bias current
0 to 120
5
mA
External
I(mA)=Islope*Iad(16 bit unsigned integer)+Ioffset
TX Power
-5 to 0
±3 dB
dBm
External
TX_PWR(µW)=TX_PWRslope*TX_PWRad(16 bit unsigned integer)
+TX_PWRoffset
RX Power
-34 to -10
±3 dB
dBm
External
RX_PWR(µW)=A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Diagnostics (SP-03-LR2-XDA)


Similar Part No. - SP-03-LR2-RNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-LR2-CDFM SOURCE-SP-03-LR2-CDFM Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
SP-03-LR2-IDFM SOURCE-SP-03-LR2-IDFM Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
More results

Similar Description - SP-03-LR2-RNA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-ELR-CDA SOURCE-SP-03-ELR-CDA Datasheet
492Kb / 9P
   155 Mbps SFP Transceiver
logo
MRV Communications, Inc...
SFP-O3D-XLR MRV-SFP-O3D-XLR Datasheet
93Kb / 4P
   155 Mbps SFP Transceiver
logo
Source Photonics, Inc.
SP-03-LR1-CDA SOURCE-SP-03-LR1-CDA Datasheet
485Kb / 7P
   155 Mbps SFP Transceiver (LR1)
SPC-03-LR-47CDA SOURCE-SPC-03-LR-47CDA Datasheet
497Kb / 9P
   155 Mbps CWDM SFP Transceiver
SPC-03-ELR-47CDA SOURCE-SPC-03-ELR-47CDA Datasheet
497Kb / 9P
   155 Mbps CWDM SFP Transceiver
logo
Quanzhou Jinmei Electro...
SPB-3620G JMNIC-SPB-3620G Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
logo
Optoway Technology Inc
SPB-3780G_2015 OPTOWAY-SPB-3780G_2015 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-3640G OPTOWAY-SPB-3640G_15 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-37160-1590G_2015 OPTOWAY-SPB-37160-1590G_2015 Datasheet
187Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-37200-1590G OPTOWAY-SPB-37200-1590G_15 Datasheet
185Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com