Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFPD-MR-08-56-A Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # SFPD-MR-08-56-A
Description  Multirate DWDM SFP Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SFPD-MR-08-56-A Datasheet(HTML) 4 Page - Source Photonics, Inc.

  SFPD-MR-08-56-A Datasheet HTML 1Page - Source Photonics, Inc. SFPD-MR-08-56-A Datasheet HTML 2Page - Source Photonics, Inc. SFPD-MR-08-56-A Datasheet HTML 3Page - Source Photonics, Inc. SFPD-MR-08-56-A Datasheet HTML 4Page - Source Photonics, Inc. SFPD-MR-08-56-A Datasheet HTML 5Page - Source Photonics, Inc. SFPD-MR-08-56-A Datasheet HTML 6Page - Source Photonics, Inc. SFPD-MR-08-56-A Datasheet HTML 7Page - Source Photonics, Inc. SFPD-MR-08-56-A Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Multirate DWDM SFP Transceiver
SFPD-MR-xx-xx-A
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
Confidential and Proprietary
LUMNDS724-Oct2607
Rev A.4
Name of Field
Description of Field
Address
Hex
ASCII
Vendor Name
SFP Vendor Name(ASCII)
20
4C
L
21
55
U
22
4D
M
23
49
I
24
4E
N
25
45
E
26
4E
N
27
54
T
28
4F
O
29
49
I
30
43
C
Vendor OUI
IEEE Vendor OUI Code For LuminentOIC Inc.
37
00
38
06
39
B5
Vendor P/N
Part Number in ASCII, e.g.
SFPD-MR-xx-xx-A
40
53
S
41
46
F
42
50
P
43
44
D
44
4D
M
45
52
R
46
x
x
47
x
x
48
x
x
49
x
x
50
41
A
EEPROM Serial ID
Parameter
Range
Accuracy
Unit
Temperature
-5 to 70
± 3
º C
Voltage
0 to Vcc
0.1
V
Bias Current
0 to 120
5
mA
TX Power
0 to 4
±2
dBm
RX Power
-28 to -6
±2
dBm
TEC Current
-1200 to 1200
±60
mA
TEC Temperaturef
20 to 70
±0.25
ºC
Diagnostics
f) Relative accuracy. Absolute accuracy is +/-3ºC


Similar Part No. - SFPD-MR-08-56-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFPD-4F-04-15-A SOURCE-SFPD-4F-04-15-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-16-A SOURCE-SFPD-4F-04-16-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-17-A SOURCE-SFPD-4F-04-17-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-18-A SOURCE-SFPD-4F-04-18-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
SFPD-4F-04-19-A SOURCE-SFPD-4F-04-19-A Datasheet
629Kb / 7P
   4Gb/s Fibre Channel DWDM SFP Transceiver
More results

Similar Description - SFPD-MR-08-56-A

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Optoway Technology Inc
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW-DXXG OPTOWAY-SPS-2381MW-DXXG Datasheet
200Kb / 7P
   80km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
   10 Gbps 80km DWDM Multirate XFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com