Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-1250AC-T-SSC2C-G5 Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # C-13-1250AC-T-SSC2C-G5
Description  1.25 Gbps Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-1250AC-T-SSC2C-G5 Datasheet(HTML) 1 Page - Source Photonics, Inc.

  C-13-1250AC-T-SSC2C-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS827-Jan0408
Rev A.1
LUMINENTOIC.COM
1.25 Gbps Single Mode Transceiver
C-13-1250AC-T(3)-SSC(2)
Features
• SC Duplex Single Mode Transceiver
• Industry Standard 1x9 Footprint
• Gigabit Ethernet Compliant
• Single +3.3V/+5V Power Supply
• LVPECL Differential Inputs and Outputs (AC-coupling)
• LVTTL Signal Detection Output
• Wave Solderable and Aqueous Washable
• Uncooled laser diode with MQW structure
• Complies with Telcordia (Bellcore) GR-468-CORE
• Gigabit Ethernet Application
• RoHS compliance available
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
3.6
V
C-13-1250AC-T3-SSC(2)
Power Supply Voltage
Vcc
0
6
V
C-13-1250AC-T-SSC(2)
Output Current
Iout
0
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Power Supply Voltage
Vcc
4.75
5
4.25
V
Operating Temperature1
Topr
0
-
70
ºC
Operating Temperature1
Topr
-40
-
85
ºC
Data Rate
-
-
1250
-
Mbps
Recommended Operating Condition
Note1: Please refer to ordering information


Similar Part No. - C-13-1250AC-T-SSC2C-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC-G5 SOURCE-C-13-1250AC-F-SLC-G5 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2 SOURCE-C-13-1250AC-F-SLC2 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2-G5 SOURCE-C-13-1250AC-F-SLC2-G5 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2A SOURCE-C-13-1250AC-F-SLC2A Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-13-1250AC-T-SSC2C-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-1250-T-SSC SOURCE-B-13-1250-T-SSC Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
C-15-1250AC-TDFB3-SSC2C SOURCE-C-15-1250AC-TDFB3-SSC2C Datasheet
559Kb / 7P
   1.25 Gbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-7140G_2015 OPTOWAY-SPS-7140G_2015 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380_2015 OPTOWAY-SPS-7380_2015 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160G_2015 OPTOWAY-SPS-73160G_2015 Datasheet
147Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G_15 Datasheet
150Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7110G OPTOWAY-SPS-7110G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7130G OPTOWAY-SPS-7130G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350G OPTOWAY-SPS-7350G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380 OPTOWAY-SPS-7380_15 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com