Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-1250AC-T-SSC2C-G5 Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # C-13-1250AC-T-SSC2C-G5
Description  1.25 Gbps Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-1250AC-T-SSC2C-G5 Datasheet(HTML) 3 Page - Source Photonics, Inc.

  C-13-1250AC-T-SSC2C-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-1250AC-T-SSC2C-G5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS827-Jan0408
Rev A.1
LUMINENTOIC.COM
1.25 Gbps Single Mode Transceiver
C-13-1250AC-T(3)-SSC(2)
Warnings
Connection Diagram
1. (Rx GND)
2. (Rx +)
NC
3. (Rx-)
4. (SD)
5. (Rx Vcc)
Top View
6. (Tx Vcc)
7. (TX-)
NC
8. (TX+)
9. (Tx GND)
Receiver Signal Ground
Receiver Data Out
Receiver Data Out Bar
Signal Detect
Receiver Power Supply
Transmitter Power Supply
Transmitter Data In Bar
Transmitter Data In
Transmitter Signal Ground
PIN
Symbol
Notes
1
RxGND
Directly connect this pin to the receiver ground plane
2
RD+
See recommended circuit schematic
3
RD-
See recommended circuit schematic
4
SD
Active high on this indicates a received optical signal
5
RxVcc
DC power for the receiver section
6
TxVcc
DC power for the transmitter section
7
TD-
See recommended circuit schematic
8
TD+
See recommended circuit schematic
9
TxGND
Directly connect this pin to the transmitter ground plane


Similar Part No. - C-13-1250AC-T-SSC2C-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC-G5 SOURCE-C-13-1250AC-F-SLC-G5 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2 SOURCE-C-13-1250AC-F-SLC2 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2-G5 SOURCE-C-13-1250AC-F-SLC2-G5 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2A SOURCE-C-13-1250AC-F-SLC2A Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

Similar Description - C-13-1250AC-T-SSC2C-G5

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-1250-T-SSC SOURCE-B-13-1250-T-SSC Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
C-15-1250AC-TDFB3-SSC2C SOURCE-C-15-1250AC-TDFB3-SSC2C Datasheet
559Kb / 7P
   1.25 Gbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-7140G_2015 OPTOWAY-SPS-7140G_2015 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380_2015 OPTOWAY-SPS-7380_2015 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160G_2015 OPTOWAY-SPS-73160G_2015 Datasheet
147Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G_15 Datasheet
150Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7110G OPTOWAY-SPS-7110G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7130G OPTOWAY-SPS-7130G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350G OPTOWAY-SPS-7350G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380 OPTOWAY-SPS-7380_15 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com