Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-149-1250C-FDFB-SLC4 Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # C-149-1250C-FDFB-SLC4
Description  1.25 Gbps Single Mode SFF LC Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-149-1250C-FDFB-SLC4 Datasheet(HTML) 7 Page - Source Photonics, Inc.

  C-149-1250C-FDFB-SLC4 Datasheet HTML 1Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC4 Datasheet HTML 2Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC4 Datasheet HTML 3Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC4 Datasheet HTML 4Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC4 Datasheet HTML 5Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC4 Datasheet HTML 6Page - Source Photonics, Inc. C-149-1250C-FDFB-SLC4 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
1.25 Gbps Single Mode SFF LC Transceiver
C-1xx-1250(C)-FDFB-SLCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS771-Nov2707
Rev A.1
LUMINENTOIC.COM
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
Ordering Information
C - 1xx- 1250(C) - FDFB - S
LC TxPower
-RoHS
• 1XX = Wavelength 1XX0 nm
XX=27, 29, 31, 33, 35, 37, 39, 41, 43,
45, 47, 49, 51, 53, 55, 57, 59, 61
• Communication protocol
1250= LVPECL SD output
1250C= LVTTL SD output
• Connector options
• Tx Power range
2 = -5 to 0 dBm
3 = -3 to +2 dBm
4 = 0 to +5 dBm
• FDFB = +3.3V SFF Transceiver
• Single mode fiber
Available Options:
C-1xx-1250-FDFB-SLC2
C-1xx-1250-FDFB-SLC3
C-1xx-1250-FDFB-SLC4
C-1xx-1250C-FDFB-SLC2
C-1xx-1250C-FDFB-SLC3
C-1xx-1250C-FDFB-SLC4
Part numbering Definition:
C-1xx-1250-FDFB-SLC2-G5
C-1xx-1250-FDFB-SLC3-G5
C-1xx-1250-FDFB-SLC4-G5
C-1xx-1250C-FDFB-SLC2-G5
C-1xx-1250C-FDFB-SLC3-G5
C-1xx-1250C-FDFB-SLC4-G5
• RoHs
Blank = RoHS non-compliant product
G5 = RoHS 5/6-compliant product (lead exemption)


Similar Part No. - C-149-1250C-FDFB-SLC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-149-1250C-TDFB-SSC2 SOURCE-C-149-1250C-TDFB-SSC2 Datasheet
970Kb / 6P
   1.25 Gbps CWDM Single Mode Transceiver(5V)
C-149-1250C-TDFB3-SSC2 SOURCE-C-149-1250C-TDFB3-SSC2 Datasheet
857Kb / 6P
   1.25 Gbps CWDM Single Mode Transceiver(3.3V)
More results

Similar Description - C-149-1250C-FDFB-SLC4

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-15-1250AC-FDFB-SLC3A-07 SOURCE-C-15-1250AC-FDFB-SLC3A-07 Datasheet
710Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-127-1250AC-FDFB-SLC2 SOURCE-C-127-1250AC-FDFB-SLC2 Datasheet
717Kb / 8P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-FDFB-SLC2A-G5 SOURCE-C-13-1250AC-FDFB-SLC2A-G5 Datasheet
708Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-F-SLC SOURCE-C-13-1250-F-SLC Datasheet
748Kb / 10P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250-FDFB-SLC2 SOURCE-C-13-1250-FDFB-SLC2 Datasheet
846Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLCA-11-G5 SOURCE-C-13-1250AC-F-SLCA-11-G5 Datasheet
720Kb / 9P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-7350CG OPTOWAY-TRSL-7350CG Datasheet
123Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com