Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ821-2C-24DE Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ821-2C-24DE
Description  SUBMINIATURE DIP RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ821-2C-24DE Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ821-2C-24DE Datasheet HTML 1Page - American Zettler, Inc. AZ821-2C-24DE Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AZ821/AZ831
3/29/06W
SUBMINIATURE
DIP RELAY
FEATURES
• Low profile for compact board spacing
• DC coils to 48 VDC
• Single button crossbar contacts
• High sensitivity, 100 mW pickup
• Life expectancy to 15 million operations
• High switching capacity, 60 W, 120 VA
• Fits standard 16 pin IC socket
• Epoxy sealed for automatic wave soldering and cleaning
• Meets FCC Part 68.302 1500 V lightning surge
• Meets FCC Part 68.304 1000 V dielectric
• UL, CUR file E43203; CSA LR 701392
CONTACTS
Arrangement
DPDT (2 Form C)
Ratings
Resistive load:
Max. switched power: 60 W or 120 VA
Max. switched current: 2 A
Max. switched voltage: 150 VDC or 240 VAC
Rated Load
UL
1.25 A, 100 VDC, 30 W
0.5 A, 125 VAC
CSA
1.25 A, 150 VAC, 150 VDC, 30W, 50 VA
Material
Gold/silver alloy, gold plated
Resistance
< 50 milliohms initially
200 milliohms at end of life
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
15 x 106
Electrical
1 x 105 at 2 A 30 VDC Res.
Operate Time (typical)
3 ms at nominal coil voltage
Release Time (typical)
2 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1000 Vrms coil to contact
(at sea level for 1 min.) 750 Vrms contact to contact
Insulation Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Capacitance
Contact to contact: 2.0 pF
Contact set to contact set: 1.5 pF
Contact to coil: 5.0 pF
Ambient Temperature
At nominal coil voltage
Operating
AZ821: -40°C (-40°F) to 75°C (167°F)
AZ831: -40°C (-40°F) to 95°C (203°F)
Storage
-40°C (-40°F) to 115°C (239°F)
Vibration
1.5 mm DA at 10–55 Hz
Shock
40 g 11 ms 1/2 sine
Enclosure
P.B.T. polyester 94 V-0
Terminals
Tinned copper alloy
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
6 grams
COIL
Power
At Pickup Voltage
AZ821: 250 mW
(typical)
AZ831: 100 mW
Max. Continuous
1.7 W at 20°C (68°F)
Dissipation
1.3 W at 40°C (104°F)
Temperature Rise
AZ821: 37°C (67°F) at nominal coil voltage
AZ831: 18°C (32°F) at nominal coil voltage
Temperature
Max. 115°C (239°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Other coil resistances and sensitivities available upon request.
4. Specifications subject to change without notice.


Similar Part No. - AZ821-2C-24DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ821-2C-24DE ETC-AZ821-2C-24DE Datasheet
61Kb / 2P
   SUBMINIATURE DIP RELAY
AZ821-2C-24DE ETC2-AZ821-2C-24DE Datasheet
88Kb / 2P
   SUBMINIATURE DIP RELAY
More results

Similar Description - AZ821-2C-24DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822_14 Datasheet
50Kb / 2P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
JRC-27F ETC1-JRC-27F Datasheet
112Kb / 3P
   SUBMINIATURE DIP RELAY
HFD27 ETC2-HFD27 Datasheet
59Kb / 3P
   SUBMINIATURE DIP RELAY
logo
Hongfa Technology
HFD27 HONGFA-HFD27 Datasheet
58Kb / 3P
   SUBMINIATURE DIP RELAY
HFD2 HONGFA-HFD2 Datasheet
67Kb / 4P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
HFD2 ETC-HFD2 Datasheet
41Kb / 3P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ820 AZETTLER-AZ820 Datasheet
82Kb / 2P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
AZ821 ETC2-AZ821_05 Datasheet
88Kb / 2P
   SUBMINIATURE DIP RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK19F EVER-WAY-HK19F Datasheet
239Kb / 3P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
AZ821 ETC-AZ821 Datasheet
61Kb / 2P
   SUBMINIATURE DIP RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com