Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ830P Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ830P
Description  POLARIZED DIP RELAY BISTABLE (LATCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ830P Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ830P Datasheet HTML 1Page - American Zettler, Inc. AZ830P Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 60 W or 125 VA
Max. switched current: 2 A
Max. switched voltage: 150 VDC or 300 VAC
Rated Load
UL
2 A at
30 VDC
1 A at 120 VAC
Material
Silver alloy, gold clad.
Resistance
< 50 milliohms initially
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 108
Electrical
1 x 105 at 2 A, 30 VDC or 1 A, 125 VAC
2 x 106 at 1 A, 30 VDC or .5 A, 125 VAC
Set Time (typical)
3 ms at nominal coil voltage
Reset Time (typical)
3.5 ms at nominal coil voltage
Capacitance
Contact to contact: 1.0 pF
Contact set to contact: 1.0 pF
Contact to coil: 2.0 pF
Bounce (typical)
At 10 mA contact current
1.5 ms at operate N.O. side
2.5 ms at operate N.C. side
Dielectric Strength
1500 Vrms contact to coil
(at sea level)
1000 Vrms between contact sets
1000 Vrms across contacts
Meets FCC Part 68.302 lightning surge
Meets FCC Part 68.304 V dielectric
Insulation Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Ambient Temperature
At nominal coil voltage
Operating
Standard: -40°C (-40°F) to 85°C (185°F)
Sensitive: -40°C (-40°F) to 95°C (203°F)
Ultra-Sensitive: 40°C (-40°F) to 100°C (212°F)
Storage
All: -40°C (-40°F) to 115°C (239°F)
Vibration
0.062" DA at 10–55 Hz
Shock
40 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
5 grams
AZ830P
7/17/07W
POLARIZED DIP RELAY
BISTABLE (LATCHING)
FEATURES
• High sensitivity, 86 mW pickup
• Low profile DIP package
• Meets FCC Part 68.302 1500 V lightning surge
• Meets FCC Part 68.304 1000 V dielectric
• Epoxy sealed for automatic wave soldering and cleaning
• DC coils to 48 VDC
• High switching capacity, 60 W, 125 VA
• Fits standard 16 pin IC socket
• UL file E43203
COIL (Polarized)
Power
At Pickup Voltage
Standard coil: 176 mW
(typical)
Sensitive coil: 90 mW
Ultra-Sensitive coil: 86 mW
Max. Continuous
1.2 W at 20°C (68°F) ambient
Dissipation
0.9 W at 40°C (104°F) ambient
Temperature Rise
Standard: 38°C (68°F) at nominal coil voltage
Sensitive: 21°C (38°F) at nominal coil voltage
Ultra-Sensitive: 16°C (29°F) at nominal coil voltage
Temperature
Max. 115°C (239°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Relay has fixed coil polarity.
4. Relay adjustment may be affected if undue pressure is exerted
on relay case.
5. For complete isolation between the relay’s magnetic fields, it is
recommended that a .197" (5.0 mm) space be provided between
adjacent relays.
6. Specifications subject to change without notice.


Similar Part No. - AZ830P

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P2-2C-12DE ZETTLER-AZ830P2-2C-12DE Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P2-2C-12DE ZETTLER-AZ830P2-2C-12DE Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P2-2C-12DSE ZETTLER-AZ830P2-2C-12DSE Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
More results

Similar Description - AZ830P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
Willow Technologies Ltd
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com