Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OTP-345V1-PAA-RS-622 Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # OTP-345V1-PAA-RS-622
Description  FSAN High Power Triplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

OTP-345V1-PAA-RS-622 Datasheet(HTML) 1 Page - Source Photonics, Inc.

  OTP-345V1-PAA-RS-622 Datasheet HTML 1Page - Source Photonics, Inc. OTP-345V1-PAA-RS-622 Datasheet HTML 2Page - Source Photonics, Inc. OTP-345V1-PAA-RS-622 Datasheet HTML 3Page - Source Photonics, Inc. OTP-345V1-PAA-RS-622 Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
FSAN High Power Triplexer
OTP-345V1-PF-622-SCA-D4
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS826-AUG0105
rev. A.1
Features
• Low Cost 1310nm FP Design, 1490nm Digital Receiver, and
1555nm Analog Receiver
• High Isolation
• Multiple TIA Version for 155, 622, 1250 Mbps Applications
• 1 GHz Video Reciever Bandwidth
• Compliant to FSAN Class B ITU-T G.983.3 Specification
• Support ITR-B1F-AF4-1
Parameter
Min
Typical
Max
Unit
Operating Temperature
-40
-
85
ºC
Storage Temperature
-40
-
85
ºC
Absolute Maximum Ratings
Parameter
Min
Typical
Max
Unit
1555nm Video to 1490nm Rx isolation (a)
32
-
-
dB
1490nm data to 1555nm Rx isolation (b)
34
-
-
dB
1310nm external to 1555nm Video isolation
22
-
-
dB
1310nm external to 1490nm data isolation
17
-
-
dB
1310nm Tx to 1490nm Rx crosstalk
-
-
-47
dB
1310nm Tx to 1555nm Rx crosstalk
-
-
-47
dB
Back Reflection @ 1310nm
-
-
-6
dB
Back Reflection @ 1555nm
-
-
-32
dB
Back Reflection @ 1490nm
-
-
-20
dB
Module Characteristics Note1
Note 1) All data is specified at EOL and across the operating temperature range.
(a) 1550nm to 1560nm isolation at digital receiver
(b) 1480nm to 1500nm isolation at video receiver
Parameter
Symbol
Min
Typical
Max
Unit
Wavelength
λ
1260
-
1360
nm
Spectral Width
∆λ
-
2
3
nm
Typical 1/2 Ppeak set point @25ºC
Pset
-
1.5
-
dBm
Tracking Error
TE
-3
-
3
dB
1/2 Ppeak over temp
1/2Ppeak
0.5
-
3.5
dBm
Bias Current (=Ith+1/2Imod)
Ibias,EOL
-
-
75
mA
Threshold Current
Ith
2
-
50
mA
Modulation Current(e) (@ Pset)
Imod
10
-
60
mA
PD Monitor Current (@ Pset) @25ºC
IPD,mon
100
-
1500
µA
PD Monitor Current (@ Pset) -40ºC and 85ºC
IPD,mon
100
-
1300
µA
Forward Voltage
Vf
-
1.2
1.7
Volts
Rise/Fall Time (c)
tr/tf
-
-
0.5
ns
PD Monitor Dark Current
ID
-
-
1
µA
PD Monitor Capacitance (d)
CPD
-
10
15
pF
Quantum Efficiency
QE
0.045
-
0.3
mW/mA
Transmitter Characteristics Note1
Note 1) All data is specified at EOL and across the operating temperature range.
(c) 10% to 90%
(d) VRD = 10V
(e) greater modulation current can be used to increase output power


Similar Part No. - OTP-345V1-PAA-RS-622

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
   FSAN High Power Triplexer
More results

Similar Description - OTP-345V1-PAA-RS-622

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
   FSAN High Power Triplexer
logo
List of Unclassifed Man...
ODP-43-PE ETC2-ODP-43-PE Datasheet
809Kb / 4P
   FSAN High Power Diplexer
logo
Mini-Circuits
TPLX-F2700 MINI-TPLX-F2700 Datasheet
593Kb / 4P
   Triplexer
TPLX-E2485 MINI-TPLX-E2485 Datasheet
612Kb / 4P
   Triplexer
ZTPL-4620 MINI-ZTPL-4620 Datasheet
487Kb / 4P
   Triplexer
logo
Source Photonics, Inc.
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
logo
Pulse A Technitrol Comp...
C6224NL PULSE-C6224NL Datasheet
136Kb / 2P
   TRIPLEXER FILTER MODULE
logo
TDK Electronics
TPX205950MT-7004A1 TDK-TPX205950MT-7004A1 Datasheet
95Kb / 8P
   Multilayer Triplexer
logo
Pulse A Technitrol Comp...
C6442NL PULSE-C6442NL Datasheet
266Kb / 2P
   TRIPLEXER FILTER MODULE
C6365NL PULSE-C6365NL Datasheet
271Kb / 2P
   TRIPLEXER FILTER MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com