Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDR-L-30B-U-SFCF-GR Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # EDR-L-30B-U-SFCF-GR
Description  ELED FC Receptacle
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

EDR-L-30B-U-SFCF-GR Datasheet(HTML) 2 Page - Source Photonics, Inc.

  EDR-L-30B-U-SFCF-GR Datasheet HTML 1Page - Source Photonics, Inc. EDR-L-30B-U-SFCF-GR Datasheet HTML 2Page - Source Photonics, Inc. EDR-L-30B-U-SFCF-GR Datasheet HTML 3Page - Source Photonics, Inc. EDR-L-30B-U-SFCF-GR Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EDR-L-XXB-X-XFCX-XX
ELED FC Receptacle
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS703-JUN2907
rev. A.8
LUMINENTOIC.COM
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Wavelength
λ
1510
1550
1580
nm
CW
Spectral Width
∆λ
45
-
100
nm
CW(FWHM)
Operating Current
Iop
-
80
100
mA
CW
Output Power (SM, 9/125µm)
L
M
H
P
O
10
20
30
-
-
-
-
-
-
µW
CW at Iop=80mA
Output Power (MM, 50/125µm)
L
M
H
P
O
30
50
70
-
-
-
-
-
-
µW
CW at Iop=80mA
Spectral Ripple
-
-
10
%
λ±10nm
Foward Voltage
Vf
-
1.2
2.0
V
CW
Rise Time
Tr
-
1.5
-
ns
Fall Time
Tf
-
2.5
-
ns
Output Power Variation
-
4
-
dB
25ºC to 70ºC
Optical and Electrical Characteristics 1550nm (Tc=25ºC)
(All optical data refer to a coupled 9/125µm SM & 50/125µm MM fiber)


Similar Part No. - EDR-L-30B-U-SFCF-GR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
EDR-L-30B-U-SSTA SOURCE-EDR-L-30B-U-SSTA Datasheet
345Kb / 3P
   ELED ST Receptacle
EDR-L-30B-U-SSTA-G5 SOURCE-EDR-L-30B-U-SSTA-G5 Datasheet
345Kb / 3P
   ELED ST Receptacle
EDR-L-30B-U-SSTA-GR SOURCE-EDR-L-30B-U-SSTA-GR Datasheet
345Kb / 3P
   ELED ST Receptacle
EDR-L-30B-U-SSTB SOURCE-EDR-L-30B-U-SSTB Datasheet
345Kb / 3P
   ELED ST Receptacle
EDR-L-30B-U-SSTB-G5 SOURCE-EDR-L-30B-U-SSTB-G5 Datasheet
345Kb / 3P
   ELED ST Receptacle
More results

Similar Description - EDR-L-30B-U-SFCF-GR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
EDR-S-30B-L-SFCE SOURCE-EDR-S-30B-L-SFCE Datasheet
536Kb / 3P
   ELED FC Receptacle
SGC-GC-30B-L-1SFC SOURCE-SGC-GC-30B-L-1SFC Datasheet
452Kb / 3P
   ELED FC Sugar Cube Transmitter Preliminary
EDR-L30B-L-SSCH SOURCE-EDR-L30B-L-SSCH Datasheet
511Kb / 4P
   ELED SC Receptacle
EDR-L-30B-L-NSTA SOURCE-EDR-L-30B-L-NSTA Datasheet
493Kb / 3P
   ELED ST Receptacle
EDR-L-30B-L-SSTA SOURCE-EDR-L-30B-L-SSTA Datasheet
345Kb / 3P
   ELED ST Receptacle
EDR-S-30B-L-SSTA SOURCE-EDR-S-30B-L-SSTA Datasheet
429Kb / 3P
   ELED ST Receptacle
EDP-L-30B-L-SSCN-N SOURCE-EDP-L-30B-L-SSCN-N Datasheet
476Kb / 3P
   ELED Pigtailed Module
EDP-S-30B-L-SSCN SOURCE-EDP-S-30B-L-SSCN Datasheet
515Kb / 3P
   ELED Pigtailed Module
SGC-GC-30B-L-1SSC SOURCE-SGC-GC-30B-L-1SSC Datasheet
464Kb / 3P
   ELED SC Sugar Cube Transmitter Preliminary
SGC-GC-30B-L-1SST SOURCE-SGC-GC-30B-L-1SST Datasheet
710Kb / 3P
   ELED ST Sugar Cube Transmitter Preliminary
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com