Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ830P2-2C-3DSE Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ830P2-2C-3DSE
Description  POLARIZED DIP RELAY BISTABLE (LATCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ830P2-2C-3DSE Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ830P2-2C-3DSE Datasheet HTML 1Page - American Zettler, Inc. AZ830P2-2C-3DSE Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
COIL SPECIFICATIONS
STANDARD COIL
Nominal
Max.
Coil
Set
Coil
Continuous Resistance
Reset
ORDER NUMBER*
VDC
VDC
± 10%
VDC
3
4.5
25
2.1
AZ830P2–2C–3DE
5
7.5
69.4
3.5
AZ830P2–2C–5DE
6
9.0
100
4.2
AZ830P2–2C–6DE
9
13.5
225
6.3
AZ830P2–2C–9DE
12
18.0
400
8.4
AZ830P2–2C–12DE
24
36.0
1600
16.8
AZ830P2–2C–24DE
48
72.0
6400
33.6
AZ830P2–2C–48DE
SENSITIVE COIL
3
6.4
50
2.1
AZ830P2–2C–3DSE
5
10.6
139
3.5
AZ830P2–2C–5DSE
6
12.7
200
4.2
AZ830P2–2C–6DSE
9
19.1
450
6.3
AZ830P2–2C–9DSE
12
25.5
800
8.4
AZ830P2–2C–12DSE
24
50.9
3200
16.8
AZ830P2–2C–24DSE
ULTRA-SENSITIVE COIL
3
7.3
66.7
2.4
AZ830P2–2C–3DSSE
5
12.3
185
4.0
AZ830P2–2C–5DSSE
6
14.7
267
4.8
AZ830P2–2C–6DSSE
9
22.0
600
7.2
AZ830P2–2C–9DSSE
12
29.4
1067
9.6
AZ830P2–2C–12DSSE
24
58.8
4267
19.2
AZ830P2–2C–24DSSE
* Add suffix “R” to indicate reversed polarity.
AZ830P
7/17/07W
MECHANICAL DATA
WIRING DIAGRAM
Viewed toward terminals
PC BOARD LAYOUT
Viewed toward terminals
1
16
4
13
6
11
8
9
+
2
15
+
TWO COIL LATCHING
WATCH FOR POLARITY
Diagrams
show
the
“reset” position before
energized with polarity
as shown
.044
(1.1) REF
.044
(1.1) REF
0.1
(2.54)
0.03 DIA
(0.8)
(10 HOLES)
.788
(20.0)
.390
(9.9)
.012 ± .005
(0.3 ± 0.13)
TYP
.366
(9.3)
.386
(9.8)
.138
(3.5)
.044
(1.1)
.100
(2.54)
.200
(5.07)
.200
(5.07)
.200
(5.07)
(.024 ± .005)
(0.6 ± 0.13)
TYP
Set
Reset
Maximum Switching Capacity
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Voltage
AC Resistive Load
DC Resistive Load
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ830P2-2C-3DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830P2-2C-12DE ZETTLER-AZ830P2-2C-12DE Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P2-2C-12DE ZETTLER-AZ830P2-2C-12DE Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P2-2C-12DSE ZETTLER-AZ830P2-2C-12DSE Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P2-2C-24DE ZETTLER-AZ830P2-2C-24DE Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P2-2C-24DE ZETTLER-AZ830P2-2C-24DE Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
More results

Similar Description - AZ830P2-2C-3DSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
Willow Technologies Ltd
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com