Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ900-1C-6D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ900-1C-6D
Description  30 AMP HEAVY DUTY POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ900-1C-6D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ900-1C-6D Datasheet HTML 1Page - American Zettler, Inc. AZ900-1C-6D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COIL
Power
At Pickup Voltage
DC: 1.12 mW
(typical)
AC: 6.9 VA
Max. Continuous
DC: 3.3 W at 20°C
Dissipation
AC: 12.5 VA at 20°C
Temperature Rise
70°C at nominal coil voltage (AC)
35°C at nominal coil voltage (DC)
Max. Temperature
155°C (311°F)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 30 A 240 VAC Res.
Operate Time (typical)
30 msec at nominal coil voltage
Release Time (typical)
30 msec at nominal coil voltage
(without suppression)
Dielectric Strength
2200 Vrms contact to contact
(at sea level for 1 min.)
2200 Vrms contact to coil
Insulation Resistance
100 megohms min. at 20°C, 500 VDC
50% RH
Dropout
DC: > 10% of nominal coil voltage
AC: > 20% of nominal coil voltage
Ambient Temperature
Operating
-45°C (-49°F) to 80°C (176°F) AC coil, 30A
-45°C (-49°F) to 115°C (239°F) DC coil, 30A
Weight
227 grams
CONTACTS
Arrangement
SPDT (1 Form C) DPDT (2 Form C)
Ratings
Resistive load:
Max. switched power: 840 W or 12000 VA
Max. switched current: 30 A
Max. switched voltage: 600 VAC, 28 VDC
UL, CUR
30 A at 240 VAC
1.5 HP at 120 VAC
2.0 HP at 240 VAC
3600 VA at 120 VAC / 240 VAC ballast
30 A at 240 VAC Res., 100k cycles
20 A at 600 VAC
30 A at 28 VDC
Material
Silver cadmium oxide
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
AZ900
9/12/05
30 AMP HEAVY DUTY
POWER RELAY
FEATURES
• 1 Form C contacts, 2 Form C contacts
• AC and DC coils available
• UL Class F (155°C) molded construction
• UL, CUL file E44211
NOTES
1. All values at 25°C (77°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ900-1C-6D

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ9113-04S AMAZING-AZ9113-04S Datasheet
341Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/27
AZ9113-04S.R7G AMAZING-AZ9113-04S.R7G Datasheet
341Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/27
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9115-04S.R7G AMAZING-AZ9115-04S.R7G Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9143-04F AMAZING-AZ9143-04F Datasheet
140Kb / 7P
   Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2015/10/12
More results

Similar Description - AZ900-1C-6D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MGN2A-AC24 OMRON-MGN2A-AC24 Datasheet
332Kb / 4P
   30 Amp Heavy Duty Relay
logo
OEN India Limited
33H OENINDIA-33H Datasheet
1Mb / 1P
   HEAVY DUTY POWER RELAY
OEN62 OENINDIA-OEN62 Datasheet
338Kb / 1P
   HEAVY-DUTY POWER RELAY
logo
Picker Components
PC739 PICKER-PC739 Datasheet
310Kb / 4P
   Heavy Duty Power Relay
logo
OEN India Limited
OEN53H OENINDIA-OEN53H Datasheet
462Kb / 2P
   HEAVY DUTY POWER RELAY
63D-12-1AE OENINDIA-63D-12-1AE Datasheet
77Kb / 1P
   HEAVY DUTY POWER RELAY
logo
Omron Electronics LLC
MGN OMRON-MGN Datasheet
414Kb / 6P
   Heavy Duty Power Relay
logo
OEN India Limited
31H OENINDIA-31H Datasheet
301Kb / 1P
   HEAVY DUTY POWER RELAY
OEN63 OENINDIA-OEN63 Datasheet
326Kb / 1P
   HEAVY DUTY POWER RELAY
35HT-1A-12Z-13 OENINDIA-35HT-1A-12Z-13 Datasheet
133Kb / 2P
   HEAVY DUTY AUTOMOTIVE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com