Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ881-1A-24D Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ881-1A-24D
Description  8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ881-1A-24D Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ881-1A-24D Datasheet HTML 1Page - American Zettler, Inc. AZ881-1A-24D Datasheet HTML 2Page - American Zettler, Inc. AZ881-1A-24D Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AZ881P1
COIL SPECIFICATIONS - SINGLE COIL LATCHING
ORDER NUMBER*
Nominal
Must.
Max. Continuous
Coil
1 Form A
Coil
Operate
VDC
Resistance
1 Form A
2 Form A
1 Form B
VDC
VDC
± 10%
3
2.4
6.7
60
AZ881P1-1A-3D
AZ881P1-2A-3D
AZ881P1-1AB-3D
5
4.0
11.2
167
AZ881P1-1A-5D
AZ881P1-2A-5D
AZ881P1-1AB-5D
6
4.8
13.4
240
AZ881P1-1A-6D
AZ881P1-2A-6D
AZ881P1-1AB-6D
9
7.2
20.1
540
AZ881P1-1A-9D
AZ881P1-2A-9D
AZ881P1-1AB-9D
12
9.6
26.8
960
AZ881P1-1A-12D
AZ881P1-2A-12D
AZ881P1-1AB-12D
RELAY ORDERING DATA
AZ881
COIL SPECIFICATIONS - SINGLE SIDE STABLE
ORDER NUMBER*
Nominal
Must.
Max. Continuous
Coil
1 Form A
Coil
Operate
VDC
Resistance
1 Form A
2 Form A
1 Form B
VDC
VDC
± 10%
3
2.4
4.7
30
AZ881-1A-3D
AZ881-2A-3D
AZ881-1AB-3D
5
4.0
7.9
83
AZ881-1A-5D
AZ881-2A-5D
AZ881-1AB-5D
6
4.8
9.6
120
AZ881-1A-6D
AZ881-2A-6D
AZ881-1AB-6D
9
7.2
14.4
270
AZ881-1A-9D
AZ881-2A-9D
AZ881-1AB-9D
12
9.6
19.2
480
AZ881-1A-12D
AZ881-2A-12D
AZ881-1AB-12D
24
19.2
37.9
1920
AZ881-1A-24D
AZ881-2A-24D
AZ881-1AB-24D
AZ881P2
COIL SPECIFICATIONS - DUAL COIL LATCHING
ORDER NUMBER*
Nominal
Must.
Max. Continuous
Coil
1 Form A
Coil
Operate
VDC
Resistance
1 Form A
2 Form A
1 Form B
VDC
VDC
± 10%
3
2.4
4.7
30
AZ881P2-1A-3D
AZ881P2-2A-3D
AZ881P2-1AB-3D
5
4.0
7.9
83
AZ881P2-1A-5D
AZ881P2-2A-5D
AZ881P2-1AB-5D
6
4.8
9.5
120
AZ881P2-1A-6D
AZ881P2-2A-6D
AZ881P2-1AB-6D
9
7.2
14.2
270
AZ881P2-1A-9D
AZ881P2-2A-9D
AZ881P2-1AB-9D
12
9.6
19.0
480
AZ881P2-1A-12D
AZ881P2-2A-12D
AZ881P2-1AB-12D
24
19.2
37.9
1920
AZ881P2-1A-24D
AZ881P2-2A-24D
AZ881P2-1AB-24D
AZ881
1/29/07W
*Add suffix “E” for epoxy sealed version. Add suffix “A” for gold plated contacts. Add suffix “R” for reversed polarity coil. Add suffix “F” for class F insulation.
*Add suffix “E” for epoxy sealed version. Add suffix “A” for gold plated contacts. Add suffix “R” for reversed polarity coil. Add suffix “F” for class F insulation.
*Add suffix “E” for epoxy sealed version. Add suffix “A” for gold plated contacts. Add suffix “R” for reversed polarity coil. Add suffix “F” for class F insulation.


Similar Part No. - AZ881-1A-24D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ881-1A-24D ZETTLER-AZ881-1A-24D Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
More results

Similar Description - AZ881-1A-24D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ880 AZETTLER-AZ880 Datasheet
217Kb / 3P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ880 ZETTLER-AZ880 Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com